Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABB100SN4 Datasheet(PDF) 68 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 68 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
79
0603 size for GHz band noise.
BLM18HSeries (0603 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM18H
*Please refer to BLM15H for downsizing.
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18HG471SN1p
470ohm
±25%
600ohm(Typ.)
200mA
0.85ohm max.
-55
°C to +125°C
BLM18HG601SN1p
600ohm
±25%
700ohm(Typ.)
200mA
1.00ohm max.
-55
°C to +125°C
BLM18HG102SN1p
1000ohm
±25%
1000ohm(Typ.)
100mA
1.60ohm max.
-55
°C to +125°C
BLM18HB121SN1p
120ohm
±25%
500ohm
±40%
200mA
0.50ohm max.
-55
°C to +125°C
BLM18HB221SN1p
220ohm
±25%
1100ohm
±40%
100mA
0.80ohm max.
-55
°C to +125°C
BLM18HB331SN1p
330ohm
±25%
1600ohm
±40%
50mA
1.20ohm max.
-55
°C to +125°C
BLM18HD471SN1p
470ohm
±25%
1000ohm(Typ.)
100mA
1.20ohm max.
-55
°C to +125°C
BLM18HD601SN1p
600ohm
±25%
1200ohm(Typ.)
100mA
1.50ohm max.
-55
°C to +125°C
BLM18HD102SN1p
1000ohm
±25%
1700ohm(Typ.)
50mA
1.80ohm max.
-55
°C to +125°C
BLM18HE601SN1p
600ohm
±25%
600ohm(Typ.)
800mA
0.25ohm max.
-55
°C to +125°C
BLM18HE102SN1p
1000ohm
±25%
1000ohm(Typ.)
600mA
0.35ohm max.
-55
°C to +125°C
BLM18HE152SN1p
1500ohm
±25%
1500ohm(Typ.)
500mA
0.50ohm max.
-55
°C to +125°C
BLM18HK331SN1p
330ohm
±25%
400ohm
±40%
200mA
0.50ohm max.
-55
°C to +125°C
BLM18HK471SN1p
470ohm
±25%
600ohm
±40%
200mA
0.70ohm max.
-55
°C to +125°C
BLM18HK601SN1p
600ohm
±25%
700ohm
±40%
100mA
0.90ohm max.
-55
°C to +125°C
BLM18HK102SN1p
1000ohm
±25%
1200ohm
±40%
50mA
1.50ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLM18HG102SN1
BLM18HG601SN1
BLM18HG471SN1
(Resistance element becomes dominant
at high frequencies.)
BLM18HE Series (For High Speed Signal Lines)
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
2500
BLM18HE152SN1
BLM18HE601SN1
BLM18HE102SN1
BLM18HG Series (For General Signal Lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com