Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABB100SN4 Datasheet(PDF) 86 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 86 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
97
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
oEKEMBL18H (Chip Ferrite Beads 0603 Size)
BLM18AG121SN1
BLM18AG151SN1
BLM18AG221SN1
BLM18AG331SN1
BLM18AG471SN1
BLM18AG601SN1
BLM18AG102SN1
BLM18BA050SN1
BLM18BA100SN1
BLM18BA470SN1
BLM18BA750SN1
BLM18BA121SN1
BLM18BB050SN1
BLM18BB100SN1
BLM18BB220SN1
BLM18BB470SN1
BLM18BB600SN1
BLM18BB750SN1
BLM18BB121SN1
BLM18BB151SN1
BLM18BB221SN1
BLM18BB331SN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
0.18
0.25
0.25
0.30
0.35
0.38
0.50
0.20
0.25
0.55
0.70
0.90
0.05
0.10
0.20
0.25
0.25
0.30
0.30
0.37
0.45
0.58
500
500
500
500
500
500
400
500
500
300
300
200
700
700
600
550
550
500
500
450
450
400
120
Ω±25%
150
Ω±25%
220
Ω±25%
330
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
5
Ω±25%
10
Ω±25%
47
Ω±25%
75
Ω±25%
120
Ω±25%
5
Ω±25%
10
Ω±25%
22
Ω±25%
47
Ω±25%
60
Ω±25%
75
Ω±25%
120
Ω±25%
150
Ω±25%
220
Ω±25%
330
Ω±25%
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
BLM15HB221SN1
BLM15EG121SN1
BLM15EG221SN1
BLM15GG221SN1
BLM15GG471SN1
BLM15GA750SN1
BLM15PG100SN1
BLM15PD300SN1
BLM15PD600SN1
BLM15PD800SN1
BLM15PD121SN1
BLM15PX121SN1
42
43
44
45
46
47
48
49
50
51
52
53
10
10
10
10
10
10
10
10
10
10
10
10
220
Ω±25%
120
Ω±25%
220
Ω±25%
220
Ω±25%
470
Ω±25%
75
Ω±25%
10
Ω (Typ.)
30
Ω±25%
60
Ω±25%
80
Ω±25%
120
Ω±25%
120
Ω±25%
250
1500
700
300
200
200
1000
2200
1700
1500
1300
1800
1.00
0.095
0.28
0.70
1.30
1.30
0.05
0.035
0.06
0.07
0.09
0.06
BLM15BB470SN1
BLM15BB750SN1
BLM15BB121SN1
BLM15BB221SN1
BLM15BC121SN1
BLM15BC241SN1
BLM15BD750SN1
BLM15BD121SN1
BLM15BD221SN1
BLM15BD471SN1
BLM15BD601SN1
BLM15BD102SN1
BLM15BD182SN1
BLM15HD601SN1
BLM15HD102SN1
BLM15HD182SN1
BLM15HG601SN1
BLM15HG102SN1
BLM15HB121SN1
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
47
Ω±25%
75
Ω±25%
120
Ω±25%
220
Ω±25%
120
Ω±25%
240
Ω±25%
75
Ω±25%
120
Ω±25%
220
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
1800
Ω±25%
600
Ω±25%
1000
Ω±25%
1800
Ω±25%
600
Ω±25%
1000
Ω±25%
120
Ω±25%
300
300
300
200
350
250
300
300
300
200
200
200
100
300
250
200
300
250
300
0.35
0.40
0.55
0.80
0.45
0.70
0.20
0.30
0.40
0.60
0.65
0.90
1.40
0.85
1.25
2.20
0.70
1.10
0.70
BLM15BA100SN1
BLM15BA220SN1
BLM15BA330SN1
BLM15BA470SN1
BLM15BA750SN1
BLM15BB050SN1
BLM15BB100SN1
BLM15BB220SN1
15
16
17
18
19
20
21
22
10
10
10
10
10
10
10
10
10
Ω±25%
22
Ω±25%
33
Ω±25%
47
Ω±25%
75
Ω±25%
5
Ω±25%
10
Ω±25%
22
Ω±25%
300
300
300
200
200
500
300
300
0.20
0.30
0.40
0.60
0.80
0.08
0.10
0.20
Continued from the preceding page.
Continued on the following page.
Design Kits
BLp Chip Ferrite Bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com