Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABB100SN4 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
26
BLMppAX Series
Excellent for Both of Signal and Power Lines!
Multi Function Chip Ferrite Bead BLMppAX Series
Feature
Feature
a1/2 DC resistance than conventional type by latest technology
New ferrite material
Optimum ferrite firing condition
Fine piling technology
Advanced coil pattern design technology
aImproved stability of performance at heat shock
aWide line-up from 10 to 1000ohm(@100MHz) useful for signal line
Advantage
Advantage
aHigh Rated Current
Good for Miniaturize of high power equipment
aLower Voltage down at Ferrite bead
Good for Battery driven equipment by saving running voltage margin
aHigher Reliability
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
1200
Heat Shock Cycle (cycles)
30
20
10
0
-10
500
0
1000
DC Resistance Comparison
Impedance @100MHz (
Ω)
New type (BLM03AX)
Conventional type (BLM03AG)
Conventional type (BLM15AG)
New type (BLM15AX)
Drastically reduced
Test Result - Heat Shock
Drastically Reduced DC Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com