Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM330023-2 Datasheet(PDF) 37 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 37 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 33Page - Microchip Technology DM330023-2 Datasheet HTML 34Page - Microchip Technology DM330023-2 Datasheet HTML 35Page - Microchip Technology DM330023-2 Datasheet HTML 36Page - Microchip Technology DM330023-2 Datasheet HTML 37Page - Microchip Technology DM330023-2 Datasheet HTML 38Page - Microchip Technology DM330023-2 Datasheet HTML 39Page - Microchip Technology DM330023-2 Datasheet HTML 40Page - Microchip Technology DM330023-2 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Hardware
 2009 Microchip Technology Inc.
DS70605A-page 31
4.1.3
PFC Feedback Circuitry
In a DSC-based PFC, the relevant analog parameters and the control loops need to be
redefined and discretized. This enables changeover from existing hardware to its digital
counterpart easier and more logical.
The PFC is an AC-to-DC converter, which converts the AC input voltage to a DC volt-
age and maintains sinusoidal input current at a high input power factor. In a DSC-based
PFC, three inputs signals are required to implement the current control.
The input rectifier (BR1) converts (shown in Section 4.1.1 “AC Supply Input ”) the
alternating voltage at power frequency into unidirectional voltage. This rectified voltage
is fed to the chopper circuit to produce a smooth and constant DC output voltage to the
load. The chopper circuit is controlled by the PWM switching pulses generated by the
dsPIC DSC device, based on three measured feedback signals:
• Rectified input voltage
• AC input voltage zero-crossing event
• Rectified input current
• DC bus voltage
The rectified input voltage is measured in two stages:
• Signal conditioning: R22, R23, R24, C24, and D7 convert and filter the AC input
voltage waveform from 90-265 VAC to 0-3.3 VAC. D7 limit the maximum voltage
to 3.3V. C24 along with R22, R23 form a low-pass filter. The circuit is shown in
Appendix A.
• Amplification: the operational amplifier MCP6024 (U13B) amplifies the condi-
tioned AC input voltage; R45, R46, R47, R48, R49 and R51 set the gain. The
MC6024 also shifts the conditioned AC input voltage to a 1.65V DC level. There-
fore, the voltage applied to the dsPIC DSC ADC channel varies within 0-3.3V. The
offset is controlled by R50, R53, and R54. R39 and C39 filter out the
high-frequency noise.
AC input voltage zero-crossing event is sensed using a voltage divider (R2-R5) and two
opto-couplers (U1 and U2). The circuit is shown in Appendix A.
Rectified input current is measured using the shunt resistor R34 and the operational
amplifier MCP6024 (U13A); R38, R39, R40, R41, R42 and R43 set the gain. R43 shifts
the voltage present at the shunt resistor to a 1.65V DC level. Therefore, the voltage
applied to the dsPIC DSC ADC channel varies within 0-3.3V. The offset is controlled by
R43, R53, and R54. R44 and C37 filter out the high-frequency noise. The circuit is
shown in Appendix A.
DC bus voltage, the DC bus voltage is sensed at the power module stage. Please refer
to Section 4.2.4 “Feedback Circuitry”.
4.1.4
Power Supplies
The PFC stage board provides the 15 volts power supply required to fire the power
module IGBTs. The 15 volts power supply is built using a low power off-line SMPS pri-
mary switcher. The switching frequency is fixed to 60 kHz, the feedback signal to the
power supply is provided by and opto-coupler. The output voltage is regulated at 15V
with a maximum output current of 0.750 A, the resultant maximum power is 11.25 W.
The input voltage range for this power supply is from 90 VAC to 260 VAC.
The PFC stage board also provides the 3.3 volts to powering-up the dsPIC DSC, the
isolation circuitry, the communication ports, the Starter Kit programmer, etc. It also gen-
erates the 3.3 volts for powering the analog circuits and the analog reference for the
Analog-To-Digital converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com