Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM330023-2 Datasheet(PDF) 43 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 43 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 39Page - Microchip Technology DM330023-2 Datasheet HTML 40Page - Microchip Technology DM330023-2 Datasheet HTML 41Page - Microchip Technology DM330023-2 Datasheet HTML 42Page - Microchip Technology DM330023-2 Datasheet HTML 43Page - Microchip Technology DM330023-2 Datasheet HTML 44Page - Microchip Technology DM330023-2 Datasheet HTML 45Page - Microchip Technology DM330023-2 Datasheet HTML 46Page - Microchip Technology DM330023-2 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Hardware
 2009 Microchip Technology Inc.
DS70605A-page 37
4.2.2
Power Supplies
The system default configuration is to get the 15V, 3.3V and 3.3V analog rail voltages
from the PFC stage board. However, it is also possible to use an external 24V power
supply to generate these voltages.
U19, C70, C73, C71 and C74 regulate the voltage applied to the system via J15 (28V
max). The output of the regulator is connected to the system through R109. The circuit
is shown in Appendix A. “Board Layout and Schematics”.
U18, C67, R110, C68, D16, D15, L3, R111, R112 and C75 regulate the 15 volts to cre-
ate a 3.3V digital rail. This auxiliary 3.3V digital rail is applied to the system through
R106. The circuit is shown in Appendix A. “Board Layout and Schematics”.
R114, R107, C69, and C72 form a decoupling circuit for generating a 3.3V rail for the
analog circuitry such as the ADC reference and the current feedback reference. This
auxiliary 3.3V analog rail is applied to the system through R108.
4.2.3
Power Module
The three-phase inverter is embedded in a power module (U16). This power module
contains:
• 600V/30A 3-phase IGBT Inverter Bridge
• Gate driver circuitry for each IGBT
• Three Independent connections to the negative DC bus for current sensing
• Short-circuit protection circuitry
• Thermal Shutdown
• Gate Driver Power Supply Undervoltage protection
• Gate Driver Power Supply Overvoltage protection
• Single-grounded power supply
• Isolation of 2.5 kV per minute
• Maximum switching frequency: 20 kHz
The dsPIC DSC provides the PWM signals to this power module in order to turn on/off
the IGBT, and therefore apply power to the motor phases.
R95 sets the threshold limit for the overcurrent circuitry. If this voltage is greater than
0.5 V (typical), a fault signal is asserted and the low-side IGTBs are turned off. R94 and
C53 form a low-pass RC filter that filters out the frequencies above 88.4 kHz.
C56 sets the fault pulse duration, the value of C56 is given by the following equation:
C56 = 18.3E-6 x 1.8E-3 seconds. Therefore, the fault pulse duration is 54 µs
The power module fault output pin (VFO) is open-collector configured. R50 pulls up the
fault output to the analog 3.3V rail. R53 and C40 form a low-pass RC filter that filters
out the frequencies above 53 kHz.
For more information about this power module please refer to the manufacturer’s data
sheet.
Note: It is the responsibility of the user to populate these components if an
external power supply is used.
Note: It is the responsibility of the user to populate these components if an
external power supply is used.
Note: It is the responsibility of the user to populate these components if an
external power supply is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com