Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM330023-2 Datasheet(PDF) 38 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 38 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 34Page - Microchip Technology DM330023-2 Datasheet HTML 35Page - Microchip Technology DM330023-2 Datasheet HTML 36Page - Microchip Technology DM330023-2 Datasheet HTML 37Page - Microchip Technology DM330023-2 Datasheet HTML 38Page - Microchip Technology DM330023-2 Datasheet HTML 39Page - Microchip Technology DM330023-2 Datasheet HTML 40Page - Microchip Technology DM330023-2 Datasheet HTML 41Page - Microchip Technology DM330023-2 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 32
 2009 Microchip Technology Inc.
The 3.3 volts rail is created using a step-down regulator which is attached to the 15
volts regulator. The maximum output current is 0.650 A, thus the resultant maximum
power is 2.145 W.
The 3.3 volts rail required for the analog circuits such as the current feedback and the
Analog-to-digital converter is generated by a decoupling circuitry attached to the 3.3
volts regulator.
4.1.5
Fault Circuitry
Given the development nature of the system, robust independent FAULT protection is
provided on the PFC Stage Board. Two different fault categories are used to indicate a
FAULT to the dsPIC® DSC.
DC Bus Overcurrent, this fault signal is generated when the maximum current limit of
15A is reached. The comparison of the threshold value and the actual current is done
by comparator U8. The threshold limit is set by R56 and R57. R69 is a shunt jumper
resistor that can disconnect the overcurrent fault to the dsPIC DSC.
DC Bus Overvoltage, this fault signal is generated when the maximum voltage limit on
the DC bus rails is reached. The threshold value is set to 432 V. The comparison of the
threshold value and the actual DC bus voltage is done by comparator U7. The thresh-
old limit is set by R60, R61 and R62. R66 is a shun jumper resistor that can disconnect
the overvoltage fault to the dsPIC DSC.
4.1.6
Board Connectors
The PFC stage board has four tab fast-on connectors, one AC inlet and one 14-pin
keyed connector for attaching a flat cable.
For the AC mains supply input, standard double-insulated, 3-core flex cable should be
used with a minimum current rating of 10A (1 mm2 18 AWG). A computer power cable
can be used. The recommended cable size is 1.0 to 1.5 mm2 (18-16 AWG) and it
should have a 600V rating. This cable should also be double insulated or have a
protective ground screen.
The tab fast-on connectors AC_N and AC_L provides the connections to the bridge
rectifier BR1. The recommended cable size is 16-18 AWG or 1.0 to 1.5mm2. It is also
recommended that cables used for the power connections should be terminated with
blue or red crimp terminals. If crimp terminals are not used, care should be taken to
ensure that stray strands of wire do not short to adjacent terminals or the enclosure. If
possible, all wires should be stripped and tinned with solder before connecting to the
dsPICDEM MCHV development board terminals.
Note: Both comparators are open-drained and need an external pull-up resistor.
Both circuits share this pull-up resistor creating an OR condition at the
output.
Note 1: The system is designed for installation category II. Therefore, the
incoming mains cable should be wired into a standard non-locking 2-pin
in addition with an earth ground type plug.
2: The unit is designed to be connected to the AC mains supply via a
standard non-locking plug. As the unit has no mains switch, this plug
constitutes the means of disconnection from the supply. Therefore, the
user must have unobstructed access to this plug during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com