Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 311 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 311 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 307Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 308Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 309Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 310Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 311Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 312Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 313Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 314Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 311
PIC16(L)F1454/5/9
26.2.2.1
Internal Transceiver
The USB peripheral has a full-speed and low-speed
USB 2.0 capable transceiver internally built-in and
connected to the SIE. The internal transceiver is
enabled when the USBEN bit of the USBCON register
is set. Full-speed operation is selected by setting the
FSEN bit of the UCFG register.
The on-chip USB pull-up resistors are controlled by the
UPUEN bit of the USFG register. The pull-up resistors
can only be active when the USBEN bit of the USBCON
register is set and the module is configured for use.
The internal USB transceiver is powered from the
VUSB3V3 pin. In order to meet USB signaling level
specifications, VUSB3V3 must be supplied with a voltage
source between 3.0V and 3.6V. The best electrical
signal quality is obtained when a 3.3V supply is used
and locally bypassed with a high quality ceramic
capacitor. The capacitor should be placed as close as
possible to the VUSB3V3 and VSS pins.
The D+ and D- signal lines can be routed directly to
their respective pins on the USB connector or cable (for
hard-wired applications). No additional resistors,
capacitors, or magnetic components are required as
the D+ and D- drivers have controlled slew rate and
output impedance intended to match with the
characteristic impedance of the USB cable. See the
USB specifications for the impedance matching
requirements.
26.2.2.2
Internal Pull-Up Resistors
The PIC® devices have built-in pull-up resistors
designed to meet the requirements for low-speed and
full-speed USB. The UPUEN bit of the UCFG register
enables the internal pull-ups.
26.2.2.3
Ping-Pong Buffer Configuration
The usage of ping-pong buffers is configured using the
PPB bits of the UCFG register. Refer to Section 26.4.4
“Ping-Pong Buffering”
for a complete explanation of
the ping-pong buffers.
26.2.2.4
Eye Pattern Test Enable
An automatic eye pattern test can be generated by setting
the UTEYE bit of the USFG register. The eye pattern
output is dependent upon the USB modules settings,
which must be configured prior to use. The module must
be enabled for eye pattern output to function.
Once UTEYE is set, the module emulates a switch from
a receive to transmit state and will start transmitting a
J-K-J-K bit sequence (K-J-K-J for full speed). The
sequence will be repeated indefinitely while the Eye
Pattern Test mode is enabled.
This test mode is intended for board verification to aid
with USB certification tests. It is intended to show a
system developer the noise integrity of the USB signals
which can be affected by board traces, impedance
mismatches and proximity to other system components.
It does not properly test the transition from a receive to
a transmit state. Although the eye pattern is not meant
to replace the more complex USB certification test, it
should aid during first order system debugging.
Note:
The VUSB3V3 voltage is supplied.
Note:
The official USB specifications require the
that USB devices must never source any
current onto the VBUS line of the USB
cable. Additionally, USB devices must
never source any current on the D+/D-
data lines when the VBUS is below the
required voltage. In order to meet this
requirement, applications which are not
purely bus powered should monitor the
VBUS line and avoid turning on the USB
module and D+/D- internal pull-up resis-
tors until the VBUS meets requirements.
VBUS can be connected to and monitored
by any 5V tolerant I/O pin for this purpose.
Refer to USB Specification 2.0, 7.2.1 for
information.
Note:
The UTEYE bit should never be set while
the module is connected to an actual USB
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com