Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 330 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 330 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 326Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 327Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 328Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 329Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 330Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 331Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 332Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 333Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 334Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 330
Preliminary
 2012 Microchip Technology Inc.
REGISTER 26-5:
BDnSTAT: BUFFER DESCRIPTOR n STATUS REGISTER (BD0STAT THROUGH
BD31STAT), CPU MODE (DATA IS WRITTEN TO THE SIDE)
R/W-x
R/W-x
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
UOWN(1)
DTS(2)
—(3)
—(3)
DTSEN
BSTALL
BC9
BC8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
UOWN:
USB Own bit(1)
1 = Refer to Register 26-6.
0 = The microcontroller core owns the BD and its corresponding buffer
bit 6
DTS:
Data Toggle Synchronization bit(2)
1 = Data 1 packet
0 = Data 0 packet
bit 5-4
Unimplemented:
Read as ‘0’
bit 3
DTSEN:
Data Toggle Synchronization Enable bit
1 = Data toggle synchronization is enabled; data packets with incorrect Sync value will be ignored
except for a SETUP transaction, which is accepted even if the data toggle bits do not match
0 = No data toggle synchronization is performed
bit 2
BSTALL:
Buffer Stall Enable bit
1 = Buffer stall enabled; STALL handshake issued if a token is received that would use the BD in the
given location (UOWN bit remains set, BD value is unchanged)
0 = Buffer stall disabled
bit 1-0
BC<9:8>:
Byte Count 9 and 8 bits
The byte count bits represent the number of bytes that will be transmitted for an IN token or received
during an OUT token. Together with BC<7:0>, the valid byte counts are 0-1023.
Note 1:
This bit must be initialized by the user to the desired value prior to enabling the USB module.
2:
This bit is ignored unless DTSEN = 1.
3:
If these bits are set, USB communication may not work. Hence, these bits should always be maintained as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com