Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA6805E2-PDW40I-R-00 Datasheet(PDF) 2 Page - InnovASIC, Inc

Part # IA6805E2-PDW40I-R-00
Description  Microprocessor Unit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA6805E2-PDW40I-R-00 Datasheet(HTML) 2 Page - InnovASIC, Inc

  IA6805E2-PDW40I-R-00 Datasheet HTML 1Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 2Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 3Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 4Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 5Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 6Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 7Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 8Page - InnovASIC, Inc IA6805E2-PDW40I-R-00 Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
IA6805E2
29 August 2007
Microprocessor Unit
As of Production Version 00
FEATURES
Copyright © 2007
IA211081401-03
www.Innovasic.com
Customer Support:
Page 2 of 33
1-888-824-4184
©
•
•
•
•
•
•
•
•
•
•
•
• Form, Fit, and Function Compatible with the Harris© CDP6805E2CE and
Motorola
©
MC146805E2
Internal 8-bit Timer with 7-Bit
Programmable Prescaler
On-chip Clock
Memory Mapped I/O
Versatile Interrupt Handling
True Bit Manipulation
Bit Test and Branch Instruction
Vectored Interrupts
Power-saving STOP and WAIT Modes
Fully Static Operation
112 Bytes of RAM
Packaging options available: 40 Pin Plastic DIP or, 44 Pin Plastic
Leaded Chip Carrier, Standard or RoHS packages available
The IA6805E2 is a "plug-and-play" drop-in replacement for the original IC. Innovasic produces replacement
ICs using its MILESTM, or Managed IC Lifetime Extension System, cloning technology. This technology
produces replacement ICs far more complex than "emulation" while ensuring they are compatible with the
original IC. MILESTM captures the design of a clone so it can be produced even as silicon technology
advances. MILESTM also verifies the clone against the original IC so that even the "undocumented features"
are duplicated. This data sheet documents all necessary engineering information about the IA6805E2
including functional and I/O descriptions, electrical characteristics, and applicable timing.
Package Pinout
(6)
AS
(1)
RESET_N
(2)
IRQ_N
(3)
LI
(4)
DS
(5)
RW_N
(7)
PA7
(8)
(9)
PA5
(10)
(11)
(12)
PA2
(13)
PA1
(14)
40 Pin DIP
IA6805E2
PB4
PB5
PB6
PB7
(20)
VSS
(15)
A12
(16)
A11
(17)
A10
(18)
A9
(19)
A8
(21)
(22)
(23)
(24)
B6
B7
(40)
(39)
(38)
(37)
(36)
(35)
(34)
(33)
(32)
(31)
(30)
(29)
(28)
(27)
(26)
(25)
PA0
B4
B5
B2
B3
B0
B1
PB2
PB3
PB0
PB1
OSC2
TIMER
VDD
OSC1
PA6
PA4
PA3
B2
44 Pin LCC
IA6805E2
(12)
PA3
(7)
AS
(8)
PA7
(9)
PA6
(10)
PA5
(11)
PA4
(13)
PA2
(14)
PA1
(15)
PA0
(16)
NC
(17)
NC
PB1
PB7
PB6
PB5
PB3
PB2
(34)
(39)
(38)
(37)
(36)
(35)
(33)
(32)
(31)
(30)
(29)
B3
B1
B0
PB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com