Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 185 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 185 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 181Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 182Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 183Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 184Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 185Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 186Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 187Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 188Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 189Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
4-15
FG484
Pin
Number
A3P1000 Function
A1
GND
A2
GND
A3
VCCIB0
A4
IO07RSB0
A5
IO09RSB0
A6
IO13RSB0
A7
IO18RSB0
A8
IO20RSB0
A9
IO26RSB0
A10
IO32RSB0
A11
IO40RSB0
A12
IO41RSB0
A13
IO53RSB0
A14
IO59RSB0
A15
IO64RSB0
A16
IO65RSB0
A17
IO67RSB0
A18
IO69RSB0
A19
NC
A20
VCCIB0
A21
GND
A22
GND
B1
GND
B2
VCCIB3
B3
NC
B4
IO06RSB0
B5
IO08RSB0
B6
IO12RSB0
B7
IO15RSB0
B8
IO19RSB0
B9
IO24RSB0
B10
IO31RSB0
B11
IO39RSB0
B12
IO48RSB0
B13
IO54RSB0
B14
IO58RSB0
B15
IO63RSB0
B16
IO66RSB0
B17
IO68RSB0
B18
IO70RSB0
B19
NC
B20
NC
B21
VCCIB1
B22
GND
C1
VCCIB3
C2
IO220PDB3
C3
NC
C4
NC
C5
GND
C6
IO10RSB0
C7
IO14RSB0
C8
VCC
C9
VCC
C10
IO30RSB0
C11
IO37RSB0
C12
IO43RSB0
C13
NC
C14
VCC
C15
VCC
C16
NC
C17
NC
C18
GND
C19
NC
C20
NC
C21
NC
C22
VCCIB1
D1
IO219PDB3
D2
IO220NDB3
D3
NC
D4
GND
FG484
Pin
Number
A3P1000 Function
D5
GAA0/IO00RSB0
D6
GAA1/IO01RSB0
D7
GAB0/IO02RSB0
D8
IO16RSB0
D9
IO22RSB0
D10
IO28RSB0
D11
IO35RSB0
D12
IO45RSB0
D13
IO50RSB0
D14
IO55RSB0
D15
IO61RSB0
D16
GBB1/IO75RSB0
D17
GBA0/IO76RSB0
D18
GBA1/IO77RSB0
D19
GND
D20
NC
D21
NC
D22
NC
E1
IO219NDB3
E2
NC
E3
GND
E4
GAB2/IO224PDB3
E5
GAA2/IO225PDB3
E6
GNDQ
E7
GAB1/IO03RSB0
E8
IO17RSB0
E9
IO21RSB0
E10
IO27RSB0
E11
IO34RSB0
E12
IO44RSB0
E13
IO51RSB0
E14
IO57RSB0
E15
GBC1/IO73RSB0
E16
GBB0/IO74RSB0
E17
IO71RSB0
FG484
Pin
Number
A3P1000 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com