Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 187 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 187 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 183Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 184Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 185Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 186Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 187Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 188Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 189Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 190Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 191Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
4-17
K13
GND
K14
VCC
K15
VCCIB1
K16
GCC1/IO91PPB1
K17
IO90NPB1
K18
IO88PDB1
K19
IO88NDB1
K20
IO94NPB1
K21
IO98NDB1
K22
IO98PDB1
L1
NC
L2
IO200PDB3
L3
IO210NPB3
L4
GFB0/IO208NPB3
L5
GFA0/IO207NDB3
L6
GFB1/IO208PPB3
L7
VCOMPLF
L8
GFC0/IO209NPB3
L9
VCC
L10
GND
L11
GND
L12
GND
L13
GND
L14
VCC
L15
GCC0/IO91NPB1
L16
GCB1/IO92PPB1
L17
GCA0/IO93NPB1
L18
IO96NPB1
L19
GCB0/IO92NPB1
L20
IO97PDB1
L21
IO97NDB1
L22
IO99NPB1
M1
NC
M2
IO200NDB3
M3
IO206NDB3
FG484
Pin
Number
A3P1000 Function
M4
GFA2/IO206PDB3
M5
GFA1/IO207PDB3
M6
VCCPLF
M7
IO205NDB3
M8
GFB2/IO205PDB3
M9
VCC
M10
GND
M11
GND
M12
GND
M13
GND
M14
VCC
M15
GCB2/IO95PPB1
M16
GCA1/IO93PPB1
M17
GCC2/IO96PPB1
M18
IO100PPB1
M19
GCA2/IO94PPB1
M20
IO101PPB1
M21
IO99PPB1
M22
NC
N1
IO201NDB3
N2
IO201PDB3
N3
NC
N4
GFC2/IO204PDB3
N5
IO204NDB3
N6
IO203NDB3
N7
IO203PDB3
N8
VCCIB3
N9
VCC
N10
GND
N11
GND
N12
GND
N13
GND
N14
VCC
N15
VCCIB1
N16
IO95NPB1
FG484
Pin
Number
A3P1000 Function
N17
IO100NPB1
N18
IO102NDB1
N19
IO102PDB1
N20
NC
N21
IO101NPB1
N22
IO103PDB1
P1
NC
P2
IO199PDB3
P3
IO199NDB3
P4
IO202NDB3
P5
IO202PDB3
P6
IO196PPB3
P7
IO193PPB3
P8
VCCIB3
P9
GND
P10
VCC
P11
VCC
P12
VCC
P13
VCC
P14
GND
P15
VCCIB1
P16
GDB0/IO112NPB1
P17
IO106NDB1
P18
IO106PDB1
P19
IO107PDB1
P20
NC
P21
IO104PDB1
P22
IO103NDB1
R1
NC
R2
IO197PPB3
R3
VCC
R4
IO197NPB3
R5
IO196NPB3
R6
IO193NPB3
R7
GEC0/IO190NPB3
FG484
Pin
Number
A3P1000 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com