Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 188 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 188 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 184Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 185Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 186Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 187Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 188Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 189Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 190Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 191Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 192Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 212 page
background image
Package Pin Assignments
4-18
Revision 3
R8
VMV3
R9
VCCIB2
R10
VCCIB2
R11
IO147RSB2
R12
IO136RSB2
R13
VCCIB2
R14
VCCIB2
R15
VMV2
R16
IO110NDB1
R17
GDB1/IO112PPB1
R18
GDC1/IO111PDB1
R19
IO107NDB1
R20
VCC
R21
IO104NDB1
R22
IO105PDB1
T1
IO198PDB3
T2
IO198NDB3
T3
NC
T4
IO194PPB3
T5
IO192PPB3
T6
GEC1/IO190PPB3
T7
IO192NPB3
T8
GNDQ
T9
GEA2/IO187RSB2
T10
IO161RSB2
T11
IO155RSB2
T12
IO141RSB2
T13
IO129RSB2
T14
IO124RSB2
T15
GNDQ
T16
IO110PDB1
T17
VJTAG
T18
GDC0/IO111NDB1
T19
GDA1/IO113PDB1
T20
NC
FG484
Pin
Number
A3P1000 Function
T21
IO108PDB1
T22
IO105NDB1
U1
IO195PDB3
U2
IO195NDB3
U3
IO194NPB3
U4
GEB1/IO189PDB3
U5
GEB0/IO189NDB3
U6
VMV2
U7
IO179RSB2
U8
IO171RSB2
U9
IO165RSB2
U10
IO159RSB2
U11
IO151RSB2
U12
IO137RSB2
U13
IO134RSB2
U14
IO128RSB2
U15
VMV1
U16
TCK
U17
VPUMP
U18
TRST
U19
GDA0/IO113NDB1
U20
NC
U21
IO108NDB1
U22
IO109PDB1
V1
NC
V2
NC
V3
GND
V4
GEA1/IO188PDB3
V5
GEA0/IO188NDB3
V6
IO184RSB2
V7
GEC2/IO185RSB2
V8
IO168RSB2
V9
IO163RSB2
V10
IO157RSB2
V11
IO149RSB2
FG484
Pin
Number
A3P1000 Function
V12
IO143RSB2
V13
IO138RSB2
V14
IO131RSB2
V15
IO125RSB2
V16
GDB2/IO115RSB2
V17
TDI
V18
GNDQ
V19
TDO
V20
GND
V21
NC
V22
IO109NDB1
W1
NC
W2
IO191PDB3
W3
NC
W4
GND
W5
IO183RSB2
W6
GEB2/IO186RSB2
W7
IO172RSB2
W8
IO170RSB2
W9
IO164RSB2
W10
IO158RSB2
W11
IO153RSB2
W12
IO142RSB2
W13
IO135RSB2
W14
IO130RSB2
W15
GDC2/IO116RSB2
W16
IO120RSB2
W17
GDA2/IO114RSB2
W18
TMS
W19
GND
W20
NC
W21
NC
W22
NC
Y1
VCCIB3
Y2
IO191NDB3
FG484
Pin
Number
A3P1000 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com