Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 190 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 190 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 186Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 187Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 188Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 189Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 190Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 191Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 192Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 193Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 194Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 212 page
background image
Package Pin Assignments
4-20
Revision 3
FG484
Pin
Number
A3PE3000L Function
A1
GND
A2
GND
A3
VCCIB0
A4
IO10NDB0V1
A5
IO10PDB0V1
A6
IO16NDB0V1
A7
IO16PDB0V1
A8
IO18PDB0V2
A9
IO24PDB0V2
A10
IO28NDB0V3
A11
IO28PDB0V3
A12
IO46PDB1V0
A13
IO54PDB1V1
A14
IO56NDB1V1
A15
IO56PDB1V1
A16
IO64NDB1V2
A17
IO64PDB1V2
A18
IO72NDB1V3
A19
IO74NDB1V4
A20
VCCIB1
A21
GND
A22
GND
AA1
GND
AA2
VCCIB6
AA3
IO228PDB5V4
AA4
IO224PDB5V3
AA5
IO218NDB5V3
AA6
IO218PDB5V3
AA7
IO212NDB5V2
AA8
IO212PDB5V2
AA9
IO198PDB5V0
AA10
IO198NDB5V0
AA11
IO188PPB4V4
AA12
IO180NDB4V3
AA13
IO180PDB4V3
AA14
IO170NDB4V2
AA15
IO170PDB4V2
AA16
IO166NDB4V1
AA17
IO166PDB4V1
AA18
IO160NDB4V0
AA19
IO160PDB4V0
AA20
IO158NPB4V0
AA21
VCCIB3
AA22
GND
AB1
GND
AB2
GND
AB3
VCCIB5
AB4
IO216NDB5V2
AB5
IO216PDB5V2
AB6
IO210NDB5V2
AB7
IO210PDB5V2
AB8
IO208NDB5V1
AB9
IO208PDB5V1
AB10
IO197NDB5V0
AB11
IO197PDB5V0
AB12
IO174NDB4V2
AB13
IO174PDB4V2
AB14
IO172NDB4V2
AB15
IO172PDB4V2
AB16
IO168NDB4V1
AB17
IO168PDB4V1
AB18
IO162NDB4V1
AB19
IO162PDB4V1
AB20
VCCIB4
AB21
GND
AB22
GND
B1
GND
B2
VCCIB7
B3
IO06PPB0V0
B4
IO08NDB0V0
FG484
Pin
Number
A3PE3000L Function
B5
IO08PDB0V0
B6
IO14NDB0V1
B7
IO14PDB0V1
B8
IO18NDB0V2
B9
IO24NDB0V2
B10
IO34PDB0V4
B11
IO40PDB0V4
B12
IO46NDB1V0
B13
IO54NDB1V1
B14
IO62NDB1V2
B15
IO62PDB1V2
B16
IO68NDB1V3
B17
IO68PDB1V3
B18
IO72PDB1V3
B19
IO74PDB1V4
B20
IO76NPB1V4
B21
VCCIB2
B22
GND
C1
VCCIB7
C2
IO303PDB7V3
C3
IO305PDB7V3
C4
IO06NPB0V0
C5
GND
C6
IO12NDB0V1
C7
IO12PDB0V1
C8
VCC
C9
VCC
C10
IO34NDB0V4
C11
IO40NDB0V4
C12
IO48NDB1V0
C13
IO48PDB1V0
C14
VCC
C15
VCC
C16
IO70NDB1V3
C17
IO70PDB1V3
FG484
Pin
Number
A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com