Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 191 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 191 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 187Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 188Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 189Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 190Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 191Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 192Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 193Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 194Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 195Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
4-21
C18
GND
C19
IO76PPB1V4
C20
IO88NDB2V0
C21
IO94PPB2V1
C22
VCCIB2
D1
IO293PDB7V2
D2
IO303NDB7V3
D3
IO305NDB7V3
D4
GND
D5
GAA0/IO00NDB0V0
D6
GAA1/IO00PDB0V0
D7
GAB0/IO01NDB0V0
D8
IO20PDB0V2
D9
IO22PDB0V2
D10
IO30PDB0V3
D11
IO38NDB0V4
D12
IO52NDB1V1
D13
IO52PDB1V1
D14
IO66NDB1V3
D15
IO66PDB1V3
D16
GBB1/IO80PDB1V4
D17
GBA0/IO81NDB1V4
D18
GBA1/IO81PDB1V4
D19
GND
D20
IO88PDB2V0
D21
IO90PDB2V1
D22
IO94NPB2V1
E1
IO293NDB7V2
E2
IO299PPB7V3
E3
GND
E4
GAB2/IO308PDB7V4
E5
GAA2/IO309PDB7V4
E6
GNDQ
E7
GAB1/IO01PDB0V0
E8
IO20NDB0V2
FG484
Pin
Number
A3PE3000L Function
E9
IO22NDB0V2
E10
IO30NDB0V3
E11
IO38PDB0V4
E12
IO44NDB1V0
E13
IO58NDB1V2
E14
IO58PDB1V2
E15
GBC1/IO79PDB1V4
E16
GBB0/IO80NDB1V4
E17
GNDQ
E18
GBA2/IO82PDB2V0
E19
IO86NDB2V0
E20
GND
E21
IO90NDB2V1
E22
IO98PDB2V2
F1
IO299NPB7V3
F2
IO301NDB7V3
F3
IO301PDB7V3
F4
IO308NDB7V4
F5
IO309NDB7V4
F6
VMV7
F7
VCCPLA
F8
GAC0/IO02NDB0V0
F9
GAC1/IO02PDB0V0
F10
IO32NDB0V3
F11
IO32PDB0V3
F12
IO44PDB1V0
F13
IO50NDB1V1
F14
IO60PDB1V2
F15
GBC0/IO79NDB1V4
F16
VCCPLB
F17
VMV2
F18
IO82NDB2V0
F19
IO86PDB2V0
F20
IO96PDB2V1
F21
IO96NDB2V1
FG484
Pin
Number
A3PE3000L Function
F22
IO98NDB2V2
G1
IO289NDB7V1
G2
IO289PDB7V1
G3
IO291PPB7V2
G4
IO295PDB7V2
G5
IO297PDB7V2
G6
GAC2/IO307PDB7V4
G7
VCOMPLA
G8
GNDQ
G9
IO26NDB0V3
G10
IO26PDB0V3
G11
IO36PDB0V4
G12
IO42PDB1V0
G13
IO50PDB1V1
G14
IO60NDB1V2
G15
GNDQ
G16
VCOMPLB
G17
GBB2/IO83PDB2V0
G18
IO92PDB2V1
G19
IO92NDB2V1
G20
IO102PDB2V2
G21
IO102NDB2V2
G22
IO105NDB2V2
H1
IO286PSB7V1
H2
IO291NPB7V2
H3
VCC
H4
IO295NDB7V2
H5
IO297NDB7V2
H6
IO307NDB7V4
H7
IO287PDB7V1
H8
VMV0
H9
VCCIB0
H10
VCCIB0
H11
IO36NDB0V4
H12
IO42NDB1V0
FG484
Pin
Number
A3PE3000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com