Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

640468 Datasheet(PDF) 72 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 72 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 68Page - Tyco Electronics 640468 Datasheet HTML 69Page - Tyco Electronics 640468 Datasheet HTML 70Page - Tyco Electronics 640468 Datasheet HTML 71Page - Tyco Electronics 640468 Datasheet HTML 72Page - Tyco Electronics 640468 Datasheet HTML 73Page - Tyco Electronics 640468 Datasheet HTML 74Page - Tyco Electronics 640468 Datasheet HTML 75Page - Tyco Electronics 640468 Datasheet HTML 76Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
72
No. of
Dimensions
Part
Conductors
AB
C
Number
28 AWG 7/32 Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.044 [1.12] 02WFY00006P
5
0.400 [10.16] 0.500 [12.70] 0.044 [1.12] 05WFY00006P
10
0.900 [22.86] 1.000 [25.40] 0.044 [1.12] 10WFY00006P
15
1.400 [35.56] 1.500 [38.10] 0.044 [1.12] 15WFY00006P
20
1.900 [48.26] 2.000 [50.80] 0.044 [1.12] 20WFY00006P
25
2.400 [60.96] 2.500 [63.50] 0.044 [1.12] 25WFY00006P
28
2.700 [68.58] 2.800 [71.12] 0.044 [1.12] 28WFY00006P
26 AWG 7/34 Tinned Copper
2
0.100 [2.54]
0.200 [6.08]
0.039 [.99]
02WEY00008P
5
0.400 [10.16] 0.500 [12.70]
0.039 [.99]
05WEY00004P
10
0.900 [22.86] 1.000 [25.40]
0.039 [.99]
10WEY00012P
15
1.400 [35.56] 1.500 [38.10]
0.039 [.99]
15WEY00002P
20
1.900 [48.26] 2.000 [50.80]
0.039 [.99]
20WEY00008P
25
2.400 [60.96] 2.500 [63.50]
0.039 [.99]
25WEY00008P
28
2.700 [68.58] 2.800 [71.12]
0.039 [.99]
28WEY00008P
26 AWG 7/34 Overcoated Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.039 [.99]
02WEY00007P
5
0.400 [10.16] 0.500 [12.70]
0.039 [.99]
05WEY00007P
10
0.900 [22.86] 1.000 [25.40]
0.039 [.99]
10WEY00007P
15
1.400 [35.56] 1.500 [38.10]
0.039 [.99]
15WEY00007P
20
1.900 [48.26] 2.000 [50.80]
0.039 [.99]
20WEY00007P
25
2.400 [60.96] 2.500 [63.50]
0.039 [.99]
25WEY00007P
28
2.700 [68.58] 2.800 [71.12]
0.039 [.99]
28WEY00007P
Other Conductor Counts Available on Request.
Product Specifications
Voltage Rating — 300 Volts
UL Recognized — AWM Style 2651
CSA — Available on request
Edge Mark
.100
[2.54]
Typ.
Insulation —
Gray Flame Retardant Flexible PVC
.007 [0.17] Minimum Insulation Thickness
Temperature Rating — -20°C to +105°C
Flammability — UL: VW1
.010 [0.25]
.050 [1.27] Typ.
B
C
A
Contact MADISON CABLE (1-877-MADISON), a Division of
Tyco Electronics Corporation, for engineering questions or for
order placement of this cable.
24 AWG 7/32 Overcoated Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.044 [1.12] 02WFY00007P
5
0.400 [10.16] 0.500 [12.70] 0.044 [1.12] 05WFY00007P
10
0.900 [22.86] 1.000 [25.40] 0.044 [1.12] 10WFY00007P
15
1.400 [35.56] 1.500 [38.10] 0.044 [1.12] 15WFY00007P
20
1.900 [48.26] 2.000 [50.80] 0.044 [1.12] 20WFY00007P
25
2.400 [60.96] 2.500 [63.50] 0.044 [1.12] 25WFY00007P
28
2.700 [68.58] 2.800 [71.12] 0.044 [1.12] 28WFY00007P
22 AWG 7/30 Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.051 [1.30] 02WGY00001P
5
0.400 [10.16] 0.500 [12.70] 0.051 [1.30] 05WGY00006P
10
0.900 [22.86[ 1.000 [25.40] 0.051 [1.30] 10WGY00002P
15
1.400 [35.56] 1.500 [38.10] 0.051 [1.30] 15WGY00006P
20
1.900 [48.26] 2.000 [50.80] 0.051 [1.30] 20WGY00006P
25
2.400 [60.96] 2.500 [63.50] 0.051 [1.30] 25WGY00006P
28
2.700 [68.58] 2.800 [71.12] 0.051 [1.30] 28WGY00006P
No. of
Dimensions
Part
Conductors
A
BC
Number
.100 [2.54] Centerline, IDC Ribbon Cable, PVC Insulation
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com