Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

640468 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 34Page - Tyco Electronics 640468 Datasheet HTML 35Page - Tyco Electronics 640468 Datasheet HTML 36Page - Tyco Electronics 640468 Datasheet HTML 37Page - Tyco Electronics 640468 Datasheet HTML 38Page - Tyco Electronics 640468 Datasheet HTML 39Page - Tyco Electronics 640468 Datasheet HTML 40Page - Tyco Electronics 640468 Datasheet HTML 41Page - Tyco Electronics 640468 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
38
Material and Finish
Housing — UL94V-2 rated, nylon,
see below for color; or UL94V-0 rated,
nylon, black
Contacts — Phosphor bronze; post tin
plated, .000030 [.00076] or .000015
[.00038] post gold plated over nickel
Feed-Thru with Locking Ramp
Feed-Thru without Locking Ramp
without Polarizing Tabs
with Polarizing Tabs
without Polarizing Tabs
with Polarizing Tabs
.725
[18.42]
.245
[6.22]
.325
[8.26]
.385
[9.78]
.180
[4.57]
.156
[3.96]
Typ.
A
.050
[1.27]
.047
[1.19]
.258
[6.56]
.050
[1.27]
.100
[2.54]
.725
[18.42]
.245
[6.22]
.100
[2.54]
.325
[8.26]
.385
[9.78]
.230
[5.84]
.156
[3.96]
Typ.
A
.050
[1.27]
.097
[2.46]
.100
[2.54]
.258
[6.56]
.050
[1.27]
For mateability options, see matrix on pages 34 and 35.
Mating half visuals for Feed–Thru Connectors with Locking Ramp, see pages 45 thru 48,
50, 52, and 53, (49 and 51 Front Bend Headers Only).
For mateability options, see matrix on pages 34 and 35.
Mating half visuals for Feed–Thru Connectors without Locking Ramp, see pages 46 thru 53.
Color Coding by Wire Size for
UL94V-2 Connectors
26 AWG — Blue
24 AWG — White
22 AWG — Red
20 AWG — Yellow
18 AWG — Orange
All Wire Sizes in UL94V-0 —
Black
Notes:
1. Only connectors with locking
ramp and without polarizing tabs
mate with posted connectors on
page 45.
2. Refer to pages 70 thru 74 for
approved wire listing.
3. For strain reliefs and dust covers,
see pages 40 and 41.
4. For keying plugs and panel
mount end caps, see page 42.
5. Other circuit sizes are available
upon request. Minimums
may apply.
6. Connector circuits can be
molded closed for keying pur-
poses. Minimums may apply.
7. Where no part numbers appear
in the chart, parts can be made
available upon request.
Minimums may apply.
8. To determine connector overall
length (Dim. A), multiply .156 x
the number of circuits. Example:
.156 x 10 circuits equals 1.560
inches [39.62 mm].
MTA-156 IDC Connectors—Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com