Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

640468 Datasheet(PDF) 47 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 47 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 43Page - Tyco Electronics 640468 Datasheet HTML 44Page - Tyco Electronics 640468 Datasheet HTML 45Page - Tyco Electronics 640468 Datasheet HTML 46Page - Tyco Electronics 640468 Datasheet HTML 47Page - Tyco Electronics 640468 Datasheet HTML 48Page - Tyco Electronics 640468 Datasheet HTML 49Page - Tyco Electronics 640468 Datasheet HTML 50Page - Tyco Electronics 640468 Datasheet HTML 51Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
47
Material and Finish
Housing — UL94V-0 rated, polyester,
white
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. .125 [3.18] solder tail lengths are
for .062 [1.57] thick printed circuit
boards and .175 [4.45] solder tail
lengths are for .093-.125 [2.36-
3.18] thick printed circuit boards.
4. To determine header overall
length (Dim. A), multiply .156 x
the number of posts. Example:
.156 x 10 posts equals 1.560
inches [39.62 mm].
For mateability options, see
matrix on pages 34, 35, 54
and 58.
For mating half visuals, see
pages 36 thru 39, 55, 60 and 62.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position header
with square posts and a .125
[3.18] solder tail length would be:
Base number 641204 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641204-0
The part numbers in bold face
are the RoHS equivalent ver-
sion. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-641204–2
thru
24
5-641204-4
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
.125
[3.18]
A
A
.045
[1.14]
Sq.
.156
[3.96]
Typ.
.078
[1.98]
Typ.
.250
[6.35]
.156
[3.96]
.080/.070
[2.03/1.78]
Solder tail
Length
(See Chart)
.390
[9.91]
Edge of Board
X
Post No. 1
.125
[3.18]
.100
[2.54]
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
Recommended Mounting Hole Pattern for .063 [1.60]
Thk. PC Board for Retentive Leg Header
Y = .140 [3.56] Min., .430 [10.92] Max. when mated with
MTA Connector.
Retentive Leg
X = .140 [3.56] Min., .430 [10.92] Max.
when mated with MTA Connector.
X = .140 [3.56] Min. when mated with
SL-156 Wire-to-Board Connector.
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
Base Part Numbers
Square Posts
Retentive Leg
.125 [3.18] Solder tail
.175 [4.45] Solder tail
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647646
2–12
640385
2–24
644751
2–24
Standard UL94V-0, .000030 [0.00076] Gold Plated
——
641204
32–54
644758
32–54
Standard UL94V-0, .000015 [0.00038] Gold Plated
——
641115
32–54
644765
32–54
.390
± .015
[9.91
± 0.38]
.125
[3.18]
16
°
Edge of Board
.156
[3.96]
Y
Typ.
Ø .063
± .002
[1.60
± 0.05] Typ.
MTA-156 Flat Headers—Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com