Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

640468 Datasheet(PDF) 73 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 73 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 69Page - Tyco Electronics 640468 Datasheet HTML 70Page - Tyco Electronics 640468 Datasheet HTML 71Page - Tyco Electronics 640468 Datasheet HTML 72Page - Tyco Electronics 640468 Datasheet HTML 73Page - Tyco Electronics 640468 Datasheet HTML 74Page - Tyco Electronics 640468 Datasheet HTML 75Page - Tyco Electronics 640468 Datasheet HTML 76Page - Tyco Electronics 640468 Datasheet HTML 77Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
Edge Mark
.156
[3.96]
Typ.
Insulation —
Gray Flame Retardant Flexible PVC
.007 [0.17] Minimum Insulation
Thickness
Temperature Rating — –20°C to +105°C
Flammability — UL: VW1
.010
[0.25]
.078 [1.98] Typ.
B
A
C
Product Specifications
Voltage Rating — 300 Volts
UL Recognized — AWM Style 2651
CSA — Available on request
No. of
Dimensions
Part
Conductors
AB
C
Number
22 AWG 7/30 Tinned Copper
2
0.156 [3.96]
0.312 [7.92]
0.051 [1.30] 02WGY00008P
5
0.624 [15.85] 0.780 [19.81] 0.051 [1.30] 05WGY00008P
10
1.404 [35.66] 1.560 [39.62] 0.051 [1.30] 10WGY00008P
15
2.184 [55.47] 2.340 [59.44] 0.051 [1.30] 15WGY00008P
20
2.964 [75.29] 3.120 [79.25] 0.051 [1.30] 20WGY00008P
24
3.588 [91.14] 3.744 [95.10] 0.051 [1.30] 24WGY00008P
18 AWG 7/26 Tinned Copper
2
0.156 [3.96]
0.312 [7.92]
0.068 [1.73] 02WJY000001P
5
0.624 [15.85] 0.780 [19.81] 0.068 [1.73] 05WJY000010P
10
1.404 [35.66] 1.560 [39.62] 0.068 [1.73] 10WJY000010P
15
2.184 [55.47] 2.340 [59.44] 0.068 [1.73] 15WJY000010P
20
2.964 [75.29] 3.120 [79.25] 0.068 [1.73] 20WJY000010P
24
3.588 [91.14] 3.744 [95.10] 0.068 [1.73] 24WJY000010P
Other Conductor Counts Available on Request.
Contact MADISON CABLE (1-877-MADISON), a Division of
Tyco Electronics Corporation, for engineering questions or for
order placement of this cable.
73
.156 [3.96] Centerline, Flat Ribbon Cable, PVC Insulation
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com