| Electronic Components Datasheet Search |
|
MSP430F6776IPZ Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x www.ti.com SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 Table 16. Port Mapping Mnemonics and Functions (continued) VALUE PxMAPy MNEMONIC INPUT PIN FUNCTION OUTPUT PIN FUNCTION 12 PM_UCA2STE eUSCI_A2 SPI slave transmit enable (direction controlled by eUSCI) PM_UCA3RXD eUSCI_A3 UART RXD (direction controlled by eUSCI – Input) 13 PM_UCA3SOMI eUSCI_A3 SPI slave out master in (direction controlled by eUSCI) PM_UCA3TXD eUSCI_A3 UART TXD (direction controlled by eUSCI – Output) 14 PM_ UCA3SIMO eUSCI_A3 SPI slave in master out (direction controlled by eUSCI) 15 PM_UCA3CLK eUSCI_A3 clock input/output (direction controlled by eUSCI) 16 PM_UCA3STE eUSCI_A3 SPI slave transmit enable (direction controlled by eUSCI) PM_UCB0SIMO eUSCI_B0 SPI slave in master out (direction controlled by eUSCI) 17 PM_UCB0SDA eUSCI_B0 I2C data (open drain and direction controlled by eUSCI) PM_UCB0SOMI eUSCI_B0 SPI slave out master in (direction controlled by eUSCI) 18 PM_UCB0SCL eUSCI_B0 I2C clock (open drain and direction controlled by eUSCI) 19 PM_UCB0CLK eUSCI_B0 clock input/output (direction controlled by eUSCI) 20 PM_UCB0STE eUSCI_B0 SPI slave transmit enable (direction controlled by eUSCI) PM_UCB1SIMO eUSCI_B1 SPI slave in master out (direction controlled by eUSCI) 21 PM_UCB1SDA eUSCI_B1 I2C data (open drain and direction controlled by eUSCI) PM_UCB1SOMI eUSCI_B1 SPI slave out master in (direction controlled by eUSCI) 22 PM_UCB1SCL eUSCI_B1 I2C clock (open drain and direction controlled by eUSCI) 23 PM_UCB1CLK eUSCI_B1 clock input/output (direction controlled by eUSCI) 24 PM_UCB1STE eUSCI_B1 SPI slave transmit enable (direction controlled by eUSCI) 25 PM_TA0.0 TA0 CCR0 capture input CCI0A TA0 CCR0 compare output Out0 26 PM_TA0.1 TA0 CCR1 capture input CCI1A TA0 CCR1 compare output Out1 27 PM_TA0.2 TA0 CCR2 capture input CCI2A TA0 CCR2 compare output Out2 28 PM_TA1.0 TA1 CCR0 capture input CCI0A TA1 CCR0 compare output Out0 29 PM_TA2.0 TA2 CCR0 capture input CCI0A TA2 CCR0 compare output Out0 30 PM_TA3.0 TA3 CCR0 capture input CCI0A TA3 CCR0 compare output Out0 Disables the output driver and the input Schmitt trigger to prevent parasitic cross 31(0FFh) (1) PM_ANALOG currents when applying analog signals. (1) The value of the PM_ANALOG mnemonic is set to 0FFh. The port mapping registers are only 5 bits wide and the upper bits are ignored, which results in a read value of 31. Table 17. Default Port Mapping PIN NAME PxMAPy INPUT PIN FUNCTION OUTPUT PIN FUNCTION MNEMONIC PEU PZ P2.0/PM_TA0.0 P2.0/PM_TA0.0/COM4 PM_TA0.0 TA0 CCR0 capture input CCI0A TA0 CCR0 compare output Out0 P2.1/PM_TA0.1 P2.1/PM_TA0.1/COM5 PM_TA0.1 TA0 CCR1 capture input CCI1A TA0 CCR1 compare output Out1 P2.2/PM_TA0.2 P2.2/PM_TA0.2/COM6 PM_TA0.2 TA0 CCR2 capture input CCI2A TA0 CCR2 compare output Out2 P2.3/PM_TA1.0 P2.3/PM_TA1.0/COM7 PM_TA1.0 TA1 CCR0 capture input CCI0A TA1 CCR0 compare output Out0 P2.4/PM_TA2.0 P1.1/PM_TA2.0/R23 PM_TA2.0 TA2 CCR0 capture input CCI0A TA2 CCR0 compare output Out0 P2.5/PM_UCB0SOMI/ P2.0/PM_UCB0SOMI/ PM_UCB0SOMI/ eUSCI_B0 SPI slave out master in (direction controlled by eUSCI), PM_UCB0SCL PM_UCB0SCL/R13 PM_UCB0SCL eUSCI_B0 I2C clock (open drain and direction controlled by eUSCI) P2.6/PM_UCB0SIMO/ P2.6/PM_UCB0SIMO/ PM_UCB0SIMO/ eUSCI_B0 SPI slave in master out (direction controlled by eUSCI), PM_UCB0SDA PM_UCB0SDA/R03 PM_UCB0SDA eUSCI_B0 I2C data (open drain and direction controlled by eUSCI) P2.7/PM_UCB0CLK P2.7/PM_UCB0CLK/CB2 PM_UCB0CLK eUSCI_B0 clock input/output (direction controlled by eUSCI) P3.0/PM_UCA0RXD/ P3.0/PM_UCA0RXD/ PM_UCA0RXD/ eUSCI_A0 UART RXD (direction controlled by eUSCI – input), PM_UCA0SOMI PM_UCA0SOMI PM_UCA0SOMI eUSCI_A0 SPI slave out master in (direction controlled by eUSCI) P3.1/PM_UCA0TXD/ P3.1/PM_UCA0TXD/ PM_UCA0TXD/ eUSCI_A0 UART TXD (direction controlled by eUSCI – output), PM_UCA0SIMO PM_UCA0SIMO/S39 PM_UCA0SIMO eUSCI_A0 SPI slave in master out (direction controlled by eUSCI) P3.2/PM_UCA0CLK P3.2/PM_UCA0CLK/S38 PM_UCA0CLK eUSCI_A0 clock input/output (direction controlled by eUSCI) P3.3/PM_UCA1CLK P3.3/PM_UCA1CLK/S37 PM_UCA1CLK eUSCI_A1 clock input/output (direction controlled by eUSCI) P3.4/PM_UCA1RXD/ P3.4/PM_UCA1RXD/ PM_UCA1RXD/ eUSCI_A1 UART RXD (direction controlled by eUSCI – input), PM_UCA1SOMI/ PM_UCA1SOMI/S36 PM_UCA1SOMI eUSCI_A1 SPI slave out master in (direction controlled by eUSCI) Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |