Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6776IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6776IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6776IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F6776IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6776IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
SD24_B Triggers
Table 24 shows the input trigger connections to SD24_B converters from Timer_A modules and output trigger
pulse connection from SD24_B to ADC10_A.
Table 24. SD24_B Input/Output Trigger Connections
MODULE OUTPUT
DEVICE OUTPUT
DEVICE INPUT SIGNAL MODULE INPUT SIGNAL
MODULE BLOCK
SIGNAL
SIGNAL
SD24_B
ADC10_A (internal)
TA0.1 (internal)
SD24CHx.SD24SCSx =
Trigger Pulse
ADC10SHSx = 011b
001b
SD24_B
TA2.1 (internal)
SD24CHx.SD24SCSx =
SD24_B
010b
SD24_B
TA3.1 (internal)
SD24CHx.SD24SCSx =
011b
ADC10_A Triggers
Table 25 shows input trigger connections to ADC10_A from Timer_A modules and SD24_B.
Table 25. ADC10_A Input Trigger Connections
DEVICE INPUT SIGNAL
MODULE INPUT SIGNAL
MODULE BLOCK
ADC10_A
TA0.1 (internal)
ADC10SHSx = 001b
ADC10_A
TA3.0 (internal)
ADC10_A
ADC10SHSx = 010b
SD24_B
ADC10_A
trigger pulse (internal)
ADC10SHSx = 011b
Real-Time Clock (RTC_C) (Link to User's Guide)
The RTC_C module can be configured for real-time clock (RTC) and calendar mode providing seconds, hours,
day of week, day of month, month, and year. The RTC_C control and configuration registers are password
protected to ensure clock integrity against run away code. Calendar mode integrates an internal calendar that
compensates for months with less than 31 days and includes leap year correction. The RTC_C also supports
flexible alarm functions, offset calibration, temperature compensation and time capture on two external events.
The RTC_C on this device operates on dedicated AUXVCC3 supply and supports operation in LPM3.5.
REF Voltage Reference (Link to User's Guide)
The reference module (REF) is responsible for generation of all critical reference voltages that can be used by
the various analog peripherals in the device. These include the ADC10_A, LCD_C, and SD24_B modules.
LCD_C (Link to User's Guide)
The LCD_C driver generates the segment and common signals required to drive a liquid crystal display (LCD).
The LCD_C controller has dedicated data memories to hold segment drive information. Common and segment
signals are generated as defined by the mode. Static, 2-mux, 3-mux, 4-mux, up to 8-mux LCDs are supported.
The module can provide a LCD voltage independent of the supply voltage with its integrated charge pump. It is
possible to control the level of the LCD voltage and thus contrast by software. The module also provides an
automatic blinking capability for individual segments in static, 2-mux, 3-mux, and 4-mux modes.
Comparator_B (Link to User's Guide)
The primary function of the Comparator_B module is to support precision slope analog-to-digital conversions,
battery voltage supervision, and monitoring of external analog signals.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com