| Electronic Components Datasheet Search |
|
COMBOSOLAR Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
COMBOSOLAR Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 57 page ![]() SPI SPI LPF LPF Line Coupling Interface C2000 MCU AFE031 PA DAC PGA PGA PGA Line Coupling Interface C2000 MCU SPI LPF AFE031 LPF SPI PA DAC PGA PGA PGA AFE031 SBOS531D – AUGUST 2010 – REVISED MAY 2012 www.ti.com CALIBRATION MODES The AFE031 can be configured for three different calibration modes: Tx Calibration, Rx Calibration, and Tx PGA Calibration. Calibration values can be determined during the calibration process and stored in system memory. A one-time calibration can be performed the first time that the system powers on; this calibration remains valid over the full temperature range and operating life of the AFE031, independent of the number of power-on/power-off cycles, as long as the calibration factors remain in the system memory. Calibration mode is accessed through the Control1 Register. Note that calibration is not required. Tx Calibration Mode The Tx PGA + Tx Filter ac gain can be calibrated in Tx Calibration Mode. Figure 46 shows the signal path during Tx Calibration mode. Figure 46. Tx Calibration Mode Configuration Rx Calibration Mode The Tx PGA + Rx PGA1 + Rx Filter + Rx PGA2 ac gain can be calibrated in Rx Calibration mode. Figure 47 shows the signal path during Rx Calibration mode. Figure 47. Rx Calibration Mode Configuration 42 Copyright © 2010–2012, Texas Instruments Incorporated Product Folder Link(s): AFE031 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |