Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 111Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 112Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 113Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 114Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 115Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 116Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 117Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 118Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 113
PIC18F2525/2620/4525/4620
REGISTER 10-3:
INTCON3: INTERRUPT CONTROL REGISTER 3
R/W-1
R/W-1
U-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
INT2IP: INT2 External Interrupt Priority bit
1
=High priority
0
= Low priority
bit 6
INT1IP: INT1 External Interrupt Priority bit
1
=High priority
0
= Low priority
bit 5
Unimplemented: Read as ‘0’
bit 4
INT2IE: INT2 External Interrupt Enable bit
1
= Enables the INT2 external interrupt
0
= Disables the INT2 external interrupt
bit 3
INT1IE: INT1 External Interrupt Enable bit
1
= Enables the INT1 external interrupt
0
= Disables the INT1 external interrupt
bit 2
Unimplemented: Read as ‘0’
bit 1
INT2IF: INT2 External Interrupt Flag bit
1
= The INT2 external interrupt occurred (must be cleared in software)
0
= The INT2 external interrupt did not occur
bit 0
INT1IF: INT1 External Interrupt Flag bit
1
= The INT1 external interrupt occurred (must be cleared in software)
0
= The INT1 external interrupt did not occur
Note:
Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the global interrupt enable bit. User software should ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt. This feature allows for software polling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com