Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 115Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 116Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 117Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 118Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 119Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 120Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 121Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 122Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 117
PIC18F2525/2620/4525/4620
REGISTER 10-7:
PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OSCFIE: Oscillator Fail Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 6
CMIE: Comparator Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 5
Unimplemented: Read as ‘0’
bit 4
EEIE: Data EEPROM/Flash Write Operation Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 3
BCLIE: Bus Collision Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 2
HLVDIE: High/Low-Voltage Detect Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 1
TMR3IE: TMR3 Overflow Interrupt Enable bit
1
= Enabled
0
= Disabled
bit 0
CCP2IE: CCP2 Interrupt Enable bit
1
= Enabled
0
= Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com