Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 158Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 159Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 160Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 161Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 162Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 163Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 164Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 165Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 160
© 2008 Microchip Technology Inc.
TABLE 16-3:
REGISTERS ASSOCIATED WITH ECCP1 MODULE AND TIMER1 TO TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
RCON
IPEN
SBOREN(1)
—
RI
TO
PD
POR
BOR
48
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
52
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
52
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
52
TRISB
PORTB Data Direction Control Register
52
TRISC
PORTC Data Direction Control Register
52
TRISD
PORTD Data Direction Control Register
52
TMR1L
Timer1 Register Low Byte
50
TMR1H
Timer1 Register High Byte
50
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
50
TMR2
Timer2 Register
50
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON
T2CKPS1 T2CKPS0
50
PR2
Timer2 Period Register
50
TMR3L
Timer3 Register Low Byte
51
TMR3H
Timer3 Register High Byte
51
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
51
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
51
CCPR1H
Capture/Compare/PWM Register 1 High Byte
51
CCP1CON
P1M1(2)
P1M0(2)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
51
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(2) PSSBD0(2)
51
PWM1CON
PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation.
Note 1:
The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is disabled
and reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.
2:
These bits are unimplemented on 28-pin devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com