Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2525IPTSQTP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 160Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 161Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 162Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 163Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 164Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 165Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 166Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 167Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 162
© 2008 Microchip Technology Inc.
17.3.1
REGISTERS
The MSSP module has four registers for SPI mode
operation. These are:
• MSSP Control Register 1 (SSPCON1)
• MSSP Status Register (SSPSTAT)
• Serial Receive/Transmit Buffer Register
(SSPBUF)
• MSSP Shift Register (SSPSR) – Not directly
accessible
SSPCON1 and SSPSTAT are the control and status
registers in SPI mode operation. The SSPCON1 register
is readable and writable. The lower 6 bits of the
SSPSTAT are read-only. The upper two bits of the
SSPSTAT are read/write.
SSPSR is the shift register used for shifting data in or
out. SSPBUF is the buffer register to which data bytes
are written to or read from.
In receive operations, SSPSR and SSPBUF together
create a double-buffered receiver. When SSPSR
receives a complete byte, it is transferred to SSPBUF
and the SSPIF interrupt is set.
During transmission, the SSPBUF is not double-
buffered. A write to SSPBUF will write to both SSPBUF
and SSPSR.
REGISTER 17-1:
SSPSTAT: MSSP STATUS REGISTER (SPI MODE)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE(1)
D/A
PS
R/W
UA
BF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SMP: Sample bit
SPI Master mode:
1
= Input data sampled at end of data output time
0
= Input data sampled at middle of data output time
SPI Slave mode:
SMP must be cleared when SPI is used in Slave mode.
bit 6
CKE: SPI Clock Select bit(1)
1
= Transmit occurs on transition from active to Idle clock state
0
= Transmit occurs on transition from Idle to active clock state
bit 5
D/A: Data/Address bit
Used in I2C mode only.
bit 4
P: Stop bit
Used in I2C mode only. This bit is cleared when the MSSP module is disabled, SSPEN is cleared.
bit 3
S: Start bit
Used in I2C mode only.
bit 2
R/W: Read/Write Information bit
Used in I2C mode only.
bit 1
UA: Update Address bit
Used in I2C mode only.
bit 0
BF: Buffer Full Status bit (Receive mode only)
1
= Receive complete, SSPBUF is full
0
= Receive not complete, SSPBUF is empty
Note 1:
Polarity of clock state is set by the CKP bit (SSPCON1<4>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com