Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 142Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 143Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 144Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 145Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 146Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 147Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 148Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 149Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 146
Preliminary
 2012 Microchip Technology Inc.
16.6
Automated Capacitive Voltage
Divider
16.6.1
CONVERSION SEQUENCE
The conversion sequence can be expanded into three
stages; pre-charge time, acquisition time, and conversion.
See Figure 16-6 for basic information on the timing of
these stages.
16.6.2
PRE-CHARGE TIMER
The pre-charge stage is an optional 1-127 instruction
cycle time used to put the external ADC channel and
the internal sample and hold capacitor (CHOLD) into
preconditioned states. The pre-charge stage of
conversion is enabled by writing a non-zero value to
the ADPRE<6:0> bits of the AADPRE register. This
stage is initiated when a conversion sequence is
started by either the GO/DONE bit or a Special Event
Trigger. When initiating an ADC conversion, if the
ADPRE bits are cleared, this stage is skipped.
During the pre-charge time, CHOLD is shorted to either
VDD or VSS, depending on the value of the ADIPPOL bit
of the AADCON3 register. The port pin logic of the
selected analog channel is overridden to drive a digital
high or low out. The output polarity of this override is
determined by the ADEPPOL bit of the AADCON3
register.
When the ADOOEN bit of the AADCON3 register is set,
then the ADOUT pin is overridden during pre-charge.
This override functions the same as the channel pin
overrides, but the polarity is selected by the ADIPPOL bit.
Even though the analog channel of the pin is selected,
the analog multiplexer is forced open during the pre-
charge stage. The ADC multiplexor logic is overridden
and disabled only during the pre-charge time.
16.6.3
ACQUISITION TIMER
The acquisition time is used to either acquire the signal
or to charge share. The acquisition time counts from 1
to 127 instruction cycle times and is used to allow the
voltage on the internal sample and hold capacitor
(CHOLD) to charge or discharge from the selected
analog channel. The acquisition time of conversion is
enabled by writing a non-zero value to the
ADACQ<6:0> bits of the AADACQ register. When the
acquisition time is enabled, the time starts immediately
follow the pre-charge stage. Otherwise, the acquisition
time is initiated by either setting the GO/DONE bit or a
Special Event Trigger.
At the start of the acquisition stage, the selected ADC
channel is connected to CHOLD. This allows charge
sharing between the pre-charged channel and the
CHOLD capacitor. See Figure 16-6.
16.6.4
STARTING A CONVERSION
To enable the ADC module, the ADON bit of the
AADCON0 register must be set to a ‘1’. Setting the GO/
DONE bit of the AADCON0 register to a ‘1’ in software
or by the Special Event Trigger inputs, will start the
Analog-to-Digital conversion.
Once a conversion begins, it proceeds until complete,
while ADON is set. If ADON is cleared (disabled by
software), the conversion is halted. The GO/DONE
status bit of the AADCON0 register indicates that a
conversion is occurring, regardless of the starting trigger.
See Figure 16-6.
16.6.5
COMPLETION OF A CONVERSION
When the conversion is complete, the ADC module will:
• Clear the GO/DONE bit
• Set the ADIF Interrupt Flag bit
• Update the AADRESxH and AADRESxL registers
with new conversion result
16.6.6
TERMINATING A CONVERSION
If a conversion must be terminated before completion,
the GO/DONE bit can be cleared in software. The
AADRESxH and AADRESxL registers will be updated
with the partially complete Analog-to-Digital conversion
sample. Incomplete bits will match the last bit
converted.
16.6.7
DOUBLE SAMPLE CONVERSION
Double sampling can be enabled by the ADDSEN bit of
the AADCON3 register. When this bit is set, two
conversions are completed by each initiation of the GO/
DONE bit or a Special Event Trigger. The GO/DONE bit
stays set for the duration of both conversions and can
be used to cancel a conversion early.
The first conversion is written to the AADRES0H and
AADRES0L registers.
The second conversion starts two clock cycles after the
first has completed and the GO/DONE bit remains set.
When the ADIPEN bit of AADCON3 is set, the value
used by the ADC for the ADEPPOL, ADIPPOL, and
GRDPOL bits is inverted. The value stored in those bit
locations is unchanged. All other control signals remain
unchanged from the first conversion. The result of the
second conversion is stored in the AADRES1H and
AADRES1L registers. See Figure 16-8, Figure 16-9
and Figure 16-10 for more information.
Note:
The GO/DONE bit should not be set in the
same instruction that turns on the ADC.
Refer to Section 16.6.11 “A/D Double
Conversion Procedure”.
Note:
A device Reset forces all registers to their
Reset state. Thus, the ADC module is
turned off and any pending conversion is
terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com