Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 146Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 147Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 148Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 149Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 150Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 151Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 152Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 153Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 150
Preliminary
 2012 Microchip Technology Inc.
16.6.8
GUARD RING OUTPUTS
Guard ring drive is a pair of digital outputs from the
ADC module. This function is enabled by the GRDAOE
and GRDBOE bits of the AADGRD register. Polarity of
the output is controlled by the GRDPOL bit.
The guard ring outputs of the ADC are active at all
times. The outputs are initialized at the start of the pre-
charge stage to match the polarity of the GRDPOL bit.
The guard output signal changes polarity at the start of
the acquisition stage. The value stored by the
GRDPOL bit does not change.
When in Double Sampling mode, the guard ring output
does not initialize on the second conversion. It toggles
polarity at the start of the first acquisition stage and
again for the second acquisition, back to the original
state. For more information on the timing of the guard
ring output refer to Figure 16-8 and Figure 16-10.
A typical guard ring circuit is displayed in Figure 16-11.
CGUARD represents the capacitance of the guard ring
trace placed on a PCB board. The user selects values
for RA and RB that cause the voltage profile of CGUARD
to match the selected channel during acquisition.
FIGURE 16-11:
USER GUARD RING
CIRCUIT
16.6.9
ADDITIONAL SAMPLE AND HOLD
CAPACITOR
Additional capacitance can be added in parallel with the
sample and hold capacitor (CHOLD) by setting the
ADDCAP<2:0> bits of AADCAP register. This bit
connects additional capacitance to the ADC conversion
bus, increasing the effective internal capacitance of the
A/D module and analog bus. The additional capacitance
does not affect analog performance of the ADC because
it is not connected during conversion. See Figure 16-12.
CGUARD
RA
RB
ADGRDA
ADGRDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com