Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM1026JSTZ-R7 Datasheet(PDF) 44 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 45Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 46Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 47Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
ADM1026
http://onsemi.com
44
Table 47. REGISTER 21H, STATUS REGISTER 2 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
AIN0 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
1
AIN1 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
2
AIN2 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
3
AIN3 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
4
AIN4 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
5
AIN5 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
6
AIN6 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
7
AIN7 Status = 0
R
1, if AIN0 to AIN7 value is above the high limit or below the low limit on the previous
conversion cycle; 0 otherwise.
Table 48. REGISTER 22H, STATUS REGISTER 3 (POWER-ON DEFAULT, 00H)
Bit
Name
R/W
Description
0
FAN0 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
1
FAN1 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
2
FAN2 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
3
FAN3 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
4
FAN4 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
5
FAN5 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
6
FAN6 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.
7
FAN7 Status 1 = 0
R
1, if FAN0 to FAN7 value is above the high limit on the previous conversion cycle;
0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com