| Electronic Components Datasheet Search |
|
ADM1026JSTZ-R7 Datasheet(PDF) 54 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1026JSTZ-R7 Datasheet(HTML) 54 Page - ON Semiconductor |
|
54 / 55 page ![]() ADM1026 http://onsemi.com 54 Table 120. REGISTER 6AH, VBAT HIGH LIMIT (POWER-ON DEFAULT FFH) Bit Name R/W Description 7–0 VBAT High Limit R/W This register contains the high limit of the VBAT analog input channel. Table 121. REGISTER 6BH, VBAT LOW LIMIT (POWER-ON DEFAULT 00H) Bit Name R/W Description 7–0 VBAT Low Limit R/W This register contains the low limit of the VBAT analog input channel. Table 122. REGISTER 6CH, AIN8 HIGH LIMIT (POWER-ON DEFAULT FFH) Bit Name R/W Description 7–0 AIN8 High Limit R/W This register contains the high limit of the AIN8 analog input channel. Table 123. REGISTER 6DH, AIN8 LOW LIMIT (POWER-ON DEFAULT 00H) Bit Name R/W Description 7–0 AIN8 Low Limit R/W This register contains the low limit of the AIN8 analog input channel. Table 124. REGISTER 6EH, EXT1 TEMP OFFSET (POWER-ON DEFAULT 00H) Bit Name R/W Description 7–0 Ext1 Temp Offset R/W This register contains the offset value for the external 1 temperature channel. A twos complement number can be written to this register, which is then added to the measured result before it is stored or compared to limits. In this way, a sort of one-point calibration can be done whereby the whole transfer function of the channel can be moved up or down. From a software point of view, this may be a very simple method to vary the characteristics of the measurement channel if the thermal characteristics change for any reason (for instance from one chassis to another), if the measurement point is moved, if a plug-in card is inserted or removed, and so on. Table 125. REGISTER 6FH, EXT2 TEMP OFFSET (POWER-ON DEFAULT 00H) Bit Name R/W Description 7–0 Ext2 Temp Offset R/W This register contains the offset value for the external 2 temperature channel. A twos complement number can be written to this register, which is then added to the measured result before it is stored or compared to limits. In this way, a sort of one-point calibration can be done whereby the whole transfer function of the channel can be moved up or down. From a software point of view, this may be a very simple method to vary the characteristics of the measurement channel if the thermal characteristics change for any reason (for instance from one chassis to another), if the measurement point is moved, if a plug-in card is inserted or removed, and so on. Table 126. ORDERING INFORMATION Device Order Number Temperature Range Package Type Package Option Shipping† ADM1026JSTZ−REEL 0C to +100C 48−Lead LQFP (Pb−Free) ST−48 2,000 Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *The “Z’’ suffix indicates Pb−Free part. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |