Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLMS322 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMS322
Description  Power SMD LED PLCC-4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS322 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMS322 Datasheet HTML 1Page - Vishay Siliconix VLMS322 Datasheet HTML 2Page - Vishay Siliconix VLMS322 Datasheet HTML 3Page - Vishay Siliconix VLMS322 Datasheet HTML 4Page - Vishay Siliconix VLMS322 Datasheet HTML 5Page - Vishay Siliconix VLMS322 Datasheet HTML 6Page - Vishay Siliconix VLMS322 Datasheet HTML 7Page - Vishay Siliconix VLMS322 Datasheet HTML 8Page - Vishay Siliconix VLMS322 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VLMS322.., VLMK322.., VLMO322.., VLMY322..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 16-May-13
1
Document Number: 81183
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power SMD LED PLCC-4
DESCRIPTION
The VLMS322.., VLMK322.., VLMO322.., and VLMY322..
series are an advanced development in terms of heat
dissipation.
The leadframe profile of this PLCC-4 SMD package is
optimized to reduce the thermal resistance.
This allows higher drive current and doubles the light output
compared to Vishay’s high intensity SMD LED in PLCC-2
package.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-4
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• 3 cathode pins, 1 anode pin
• Available in 8 mm tape
• High brightness SMD LED
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.  1.6
• ESD-withstand voltage: Up to 2 kV according
to JESD22-A114-B
• Suitable for all soldering methods according to
CECC 00802 and J-STD-020
• Preconditioning according to JEDEC level 2a
• Qualified according to JEDEC moisture sensitivity level 2a
• Compatible with IR reflow solder processes according to
CECC 00802 and J-STD-020
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Interior and exterior lighting
• Indicator and backlighting purposes for audio, video,
LCDs, switches, symbols, illuminated advertising etc.
• Illumination purpose, alternative to incandescent lamps
• General use
Note
(1) Driving the LED in reverse direction is suitable for short term application
19210
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMS322T2V1-GS08
Super red
355
450
900
50
625
630
640
50
1.7
2.1
2.6
50
AlInGaP on GaAs
VLMK322U1V2-GS08
Amber
450
750
1125
50
610
-
621
50
-
1.9
2.6
50
AlInGaP on GaAs
VLMO322U1V2-GS08 Soft orange
450
750
1125
50
600
605
612
50
1.7
2.1
2.6
50
AlInGaP on GaAs
VLMY322U1V2-GS08
Yellow
450
750
1125
50
582
588
594
50
1.7
2.1
2.6
50
AlInGaP on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS322.., VLMK322.., VLMO322.., VLMY322..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
Forward current
IF
70
mA
Power dissipation
at RT
Ptot
225
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/ambient
Mounted on PC board FR4
RthJA
290
K/W


Similar Part No. - VLMS322

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
Power SMD LED PLCC-4
More results

Similar Description - VLMS322

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK3200 VISHAY-TLMK3200 Datasheet
258Kb / 14P
Power SMD LED PLCC-4
24-Sep-07
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
Power SMD LED PLCC-4
05-May-08
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
Power SMD LED PLCC-4
20-Jul-07
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
Power SMD LED PLCC-4
30-Jul-08
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
Power SMD LED PLCC-4
25-Apr-13
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
Power SMD LED PLCC-4
30-Apr-13
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
Power SMD LED PLCC-4
16-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
Power SMD LED PLCC-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com