Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLMS322 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMS322
Description  Power SMD LED PLCC-4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS322 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMS322 Datasheet HTML 1Page - Vishay Siliconix VLMS322 Datasheet HTML 2Page - Vishay Siliconix VLMS322 Datasheet HTML 3Page - Vishay Siliconix VLMS322 Datasheet HTML 4Page - Vishay Siliconix VLMS322 Datasheet HTML 5Page - Vishay Siliconix VLMS322 Datasheet HTML 6Page - Vishay Siliconix VLMS322 Datasheet HTML 7Page - Vishay Siliconix VLMS322 Datasheet HTML 8Page - Vishay Siliconix VLMS322 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VLMS322.., VLMK322.., VLMO322.., VLMY322..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 16-May-13
4
Document Number: 81183
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Luminous Intensity vs. Forward Current
Fig. 4 - Relative Luminous Intensity vs. Forward Current
Fig. 5 - Relative Intensity vs. Wavelength
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 7 - Change of Dominant Wavelength vs.
Ambient Temperature
Fig. 8 - Change of Forward Voltage vs. Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
V
F - Forward Voltage (V)
20144
yellow
soft orange
amber
super red
0.01
0
1
10
110
100
IF -Forward Current ( mA)
17042_3
yellow
soft orange
amber
super red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
20198
super red
λ - Wavelength (nm)
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
20201
super red
- 5
- 4
- 3
- 2
- 1
0
1
2
3
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
20203
super red
T
amb - Ambient Temperature (°C)
17039
30 mA
10 mA
50 mA
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
super red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com