Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLMS322 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS322
Description  Power SMD LED PLCC-4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS322 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS322 Datasheet HTML 1Page - Vishay Siliconix VLMS322 Datasheet HTML 2Page - Vishay Siliconix VLMS322 Datasheet HTML 3Page - Vishay Siliconix VLMS322 Datasheet HTML 4Page - Vishay Siliconix VLMS322 Datasheet HTML 5Page - Vishay Siliconix VLMS322 Datasheet HTML 6Page - Vishay Siliconix VLMS322 Datasheet HTML 7Page - Vishay Siliconix VLMS322 Datasheet HTML 8Page - Vishay Siliconix VLMS322 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VLMS322.., VLMK322.., VLMO322.., VLMY322..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 16-May-13
2
Document Number: 81183
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) In one packing unit IVmax./IVmin.  1.6
(2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V
Notes
(1) In one packing unit IVmax./IVmin.  1.6
(2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V
Notes
(1) In one packing unit IVmax./IVmin.  1.6
(2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V
Notes
(1) In one packing unit IVmax./IVmin.  1.6
(2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS322.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
VLMS322T2V1
IV
355
450
900
mcd
Dominant wavelength
IF = 50 mA
d
625
630
640
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA

-18
-
nm
Angle of half intensity
IF = 50 mA
-± 60
-
deg
Forward voltage (2)
IF = 50 mA
VF
1.7
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMK322.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
VLMK322U1V2
IV
450
750
1125
mcd
Dominant wavelength
IF = 50 mA
d
610
-
621
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA

-18
-
nm
Angle of half intensity
IF = 50 mA
-± 60
-
deg
Forward voltage (2)
IF = 50 mA
VF
1.7
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO322.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
VLMO322U1V2
IV
450
750
1125
mcd
Dominant wavelength
IF = 50 mA
d
600
605
612
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA

-18
-
nm
Angle of half intensity
IF = 50 mA
-± 60
-
deg
Forward voltage (2)
IF = 50 mA
VF
1.7
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY322.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
VLMY322U1V2
IV
450
750
1125
mcd
Dominant wavelength
IF = 50 mA
d
582
588
594
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA

-18
-
nm
Angle of half intensity
IF = 50 mA
-± 60
-
deg
Forward voltage (2)
IF = 50 mA
VF
1.7
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com