Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLMS322 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMS322
Description  Power SMD LED PLCC-4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS322 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMS322 Datasheet HTML 1Page - Vishay Siliconix VLMS322 Datasheet HTML 2Page - Vishay Siliconix VLMS322 Datasheet HTML 3Page - Vishay Siliconix VLMS322 Datasheet HTML 4Page - Vishay Siliconix VLMS322 Datasheet HTML 5Page - Vishay Siliconix VLMS322 Datasheet HTML 6Page - Vishay Siliconix VLMS322 Datasheet HTML 7Page - Vishay Siliconix VLMS322 Datasheet HTML 8Page - Vishay Siliconix VLMS322 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VLMS322.., VLMK322.., VLMO322.., VLMY322..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 16-May-13
3
Document Number: 81183
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel). In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel.
In order to ensure availability, single wavelength groups will not be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
T2
355
450
U1
450
560
U2
560
715
V1
715
900
V2
900
1125
COLOR CLASSIFICATION
GROUP
YELLOW
SOFT ORANGE
AMBER
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MIN.
MAX.
MAX.
W
582
585
600
603
610
615
X
585
588
603
606
615
621
Y
588
591
606
609
Z
591
594
609
612
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
21013
Tamb - Ambient Temperature (°C)
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com