Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 404 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 404 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 400Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 401Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 402Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 403Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 404Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 405Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 406Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 407Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 408Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 402
© 2009 Microchip Technology Inc.
FIGURE 28-21:
USB SIGNAL TIMING
TABLE 28-25: USB LOW-SPEED TIMING REQUIREMENTS
TABLE 28-26: USB FULL-SPEED REQUIREMENTS
VCRS
USB Data Differential Lines
90%
10%
TLR, TFR
TLF, TFF
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
T01
TLR
Transition Rise Time
75
—
300
ns
CL = 200 to 600 pF
T02
TLF
Transition Fall Time
75
—
300
ns
CL = 200 to 600 pF
T03
TLRFM
Rise/Fall Time Matching
80
—
125
%
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
T04
TFR
Transition Rise Time
4
—
20
ns
CL = 50 pF
T05
TFF
Transition Fall Time
4
—
20
ns
CL = 50 pF
T06
TFRFM
Rise/Fall Time Matching
90
—
111.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com