Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 405 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 405 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 401Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 402Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 403Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 404Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 405Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 406Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 407Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 408Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 403
PIC18F2455/2550/4455/4550
FIGURE 28-22:
STREAMING PARALLEL PORT TIMING (PIC18F4455/4550)
TABLE 28-27: STREAMING PARALLEL PORT REQUIREMENTS (PIC18F4455/4550)
OESPP
CSSPP
SPP<7:0>
Write Data
ToeF2adR
ToeF2adV
ToeR2adI
ToeF2daR
ToeF2daV
ToeR2adI
Note:
Refer to Figure 28-4 for load conditions.
Write Address
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
T07
ToeF2adR
OESPP Falling Edge to CSSPP Rising Edge,
Address Out
05
ns
T08
ToeF2adV
OESPP Falling Edge to Address Out Valid
0
5
ns
T09
ToeR2adI
OESPP Rising Edge to Address Out Invalid
0
5
ns
T10
ToeF2daR
OESPP Falling Edge to CSSPP Rising Edge,
Data Out
05
ns
T11
ToeF2daV
OESPP Falling Edge to Address Out Valid
0
5
ns
T12
ToeR2daI
OESPP Rising Edge to Data Out Invalid
0
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com