Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 2Page - STMicroelectronics LD39100PUR Datasheet HTML 3Page - STMicroelectronics LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics LD39100PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
LD39100XX, LD39100XX12, LD39100XX25
6/23
Doc ID 15676 Rev 3
4
Electrical characteristics
TJ = 25 °C, VIN = 1.8 V, CIN = COUT = 1 µF, IOUT = 100 mA, VEN = VIN, unless otherwise
specified.
Table 6.
Electrical characteristics for the LD39100PU
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VADJ
VADJ accuracy
IOUT=10mA, TJ = 25°C
784
800
816
mV
IOUT=10mA, -40°C<TJ<125°C
776
800
824
IADJ
Adjust pin current
1µA
ΔV
OUT
Static line regulation
VOUT+1 V ≤ VIN ≤ 5.5 V,
IOUT=100mA
0.01
%/V
ΔV
OUT
Transient line regulation (1)
ΔV
IN=500mV, IOUT=100mA, tR=5µs
10
mVpp
ΔV
IN=500mV, IOUT=100mA, tF=5µs
10
ΔV
OUT
Static load regulation
IOUT=10mA to 1A
0.002
%/mA
ΔV
OUT
Transient load regulation (1)
IOUT=10mA to 1A, tR=5µs
40
mVpp
IOUT=1A to 10mA, tF=5µs
40
VDROP Dropout voltage
(2)
IOUT=1A, VO fixed to 1.5V
-40°C<TJ<125°C
200
400
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT=100mA,
VOUT=0.8V
30
µVRMS
SVR
Supply voltage rejection
VO = 0.8 V
VIN=1.8V+/-VRIPPLE
VRIPPLE=0.25V, freq. = 1kHz
IOUT=10mA
65
dB
VIN=1.8V+/-VRIPPLE
VRIPPLE=0.25V, freq.=10kHz
IOUT=100mA
62
IQ
Quiescent current
IOUT=0mA
20
µA
IOUT=0mA, -40°C<TJ<125°C
50
IOUT=0 to 1A
200
IOUT=0 to 1A, -40°C<TJ<125°C
300
VIN input current in off mode:
VEN=GND
(3)
0.001
1
PG
Power good output threshold
Rising edge
0.92*
VOUT
V
Falling edge
0.8*
VOUT
Power good output voltage low Isink=6mA open drain output
0.4
V
ISC
Short-circuit current
RL=0
1.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com