Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 1 Page - STMicroelectronics

  LD39100PUR Datasheet HTML 1Page - STMicroelectronics LD39100PUR Datasheet HTML 2Page - STMicroelectronics LD39100PUR Datasheet HTML 3Page - STMicroelectronics LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
October 2011
Doc ID 15676 Rev 3
1/23
23
LD39100XX
LD39100XX12, LD39100XX25
1 A, low quiescent current, low noise voltage regulator
Features
■ Input voltage from 1.5 to 5.5 V
■ Ultra low dropout voltage (200 mV typ. at 1 A
load)
■ Very low quiescent current (20 µA typ. at no
load, 200 µA typ. at 1 A load, 1 µA max in off
mode)
■ Very low noise with no bypass capacitor
(30 µVRMS at VOUT = 0.8 V)
■ Output voltage tolerance: ± 2.0 % @ 25 °C
■ 1 A guaranteed output current
■ Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step and
adjustable from 0.8 V
■ Logic-controlled electronic shutdown
■ Stabilized with ceramic capacitors COUT = 1 µF
■ Internal current and thermal limit
■ DFN6 (3 x 3 mm) package
■ Temperature range: - 40 °C to 125 °C
Applications
■ Printers
■ Personal digital assistants (PDAs)
■ Cordless phones
■ Consumer applications
Description
The LD39100xx provides 1 A maximum current
from an input voltage ranging from 1.5 V to 5.5 V
with a typical dropout voltage of 200 mV. The
device is stable due to the use of ceramic
capacitors on the input and output. The ultra low
drop-voltage, low quiescent current and low noise
features make it suitable for low power battery
powered applications. Power supply rejection is
65 dB at low frequencies and starts to roll off at 10
kHz. An enable logic control function puts the
LD39100xx in shutdown mode, allowing a total
current consumption lower than 1 µA. The device
also includes short-circuit constant current limiting
and thermal protection.
DFN6 (3 x 3 mm)
Table 1.
Device summary
Part numbers
Order codes
Output voltages
LD39100XX
LD39100PUR
Adj. from 0.8 V
LD39100XX12
LD39100PU12R
1.2 V
LD39100XX25
LD39100PU25R
2.5 V
www.st.com


Similar Part No. - LD39100PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
1Mb / 27P
1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PURY STMICROELECTRONICS-LD39100PURY Datasheet
1Mb / 27P
1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
More results

Similar Description - LD39100PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
LD39100XX STMICROELECTRONICS-LD39100XX Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
500 mA low quiescent current and low noise voltage regulator
26-Oct-2015
LD39100 STMICROELECTRONICS-LD39100 Datasheet
1Mb / 27P
1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com