Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics LD39100PUR Datasheet HTML 10Page - STMicroelectronics LD39100PUR Datasheet HTML 11Page - STMicroelectronics LD39100PUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
LD39100XX, LD39100XX12, LD39100XX25
8/23
Doc ID 15676 Rev 3
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 100 mA, VEN = VIN, unless
otherwise specified.
Table 7.
Electrical characteristics for LD39100PUxx
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage
1.5
5.5
V
VOUT
VOUT accuracy
VOUT>1.5V, IOUT=10mA, TJ = 25°C
-2.0
2.0
%
VOUT>1.5V, IOUT=10mA,
-40°C<TJ<125°C
-3.0
3.0
VOUT ≤ 1.5V, IOUT=10mA
±20
mV
VOUT ≤ 1.5V, IOUT=10mA,
-40°C<TJ<125°C
±30
ΔV
OUT
Static line regulation
VOUT+1V ≤ VIN ≤ 5.5V, IOUT=100mA
0.01
%/V
ΔV
OUT
Transient line regulation (1)
ΔV
IN=500mV, IOUT=100mA, tR=5µs
10
mVpp
ΔV
IN=500 mV, IOUT=100mA, tF=5µs
10
ΔV
OUT
Static load regulation
IOUT=10 mA to 1A
0.002
%/mA
ΔV
OUT
Transient load regulation (1)
IOUT=10 mA to 1A, tR=5µs
40
mVpp
IOUT=1A to 10mA, tF=5µs
40
VDROP Dropout voltage
(2)
IOUT=1A, VOUT > 1.5V,
-40°C<TJ<125°C
200
400
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT=100mA,
VOUT=2.5V
85
µVRMS
SVR
Supply voltage rejection
VOUT=1.5V
VIN=VOUT(NOM)+0.5V+/-VRIPPLE
VRIPPLE=0.1V, freq. = 1kHz
IOUT=10mA
65
dB
VIN=VOUT(NOM)+0.5V+/-VRIPPLE
VRIPPLE=0.1V, freq.=10 kHz
IOUT=100mA
62
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT = 0 mA, -40°C<TJ<125°C
50
IOUT = 0 to 1A
200
IOUT = 0 to 1A -40°C<TJ<125°C
300
VIN input current in OFF mode:
VEN = GND
(3)
0.001
1
PG
Power good output threshold
Rising edge
0.92*
VOUT
V
Falling edge
0.8*
VOUT
Power good output voltage low Isink=6mA open drain output
0.4
V
ISC
Short-circuit current
RL=0
1.5
A
VEN
Enable input logic low
VIN=1.5 V to 5.5 V, -40°C<TJ<125°C
0.4
V
Enable input logic high
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com