Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 13Page - STMicroelectronics LD39100PUR Datasheet HTML 14Page - STMicroelectronics LD39100PUR Datasheet HTML 15Page - STMicroelectronics LD39100PUR Datasheet HTML 16Page - STMicroelectronics LD39100PUR Datasheet HTML 17Page - STMicroelectronics LD39100PUR Datasheet HTML 18Page - STMicroelectronics LD39100PUR Datasheet HTML 19Page - STMicroelectronics LD39100PUR Datasheet HTML 20Page - STMicroelectronics LD39100PUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LD39100XX, LD39100XX12, LD39100XX25
Application information
Doc ID 15676 Rev 3
17/23
6.2
Enable function
The LD39100xx features an enable function. When the EN voltage is higher than 2 V, the
device is ON, and if it is lower than 0.8 V, the device is OFF. In shutdown mode, consumption
is lower than 1 µA.
The EN pin does not have an internal pull-up, which means that it cannot be left floating if it
is not used.
6.3
Power Good function
Most applications require a flag showing that the output voltage is in the correct range.
The Power Good threshold depends on the adjust voltage. When the adjust is higher than
0.92*VADJ, the Power Good (PG) pin goes to high impedance. If the adjust is below
0.80*VADJ the PG pin goes to low impedance. If the device is functioning well, the Power
Good pin is at high impedance. If the output voltage is fixed using an external or internal
resistor divider, the Power Good threshold is 0.92*VOUT.
The use of the Power Good function requires an external pull-up resistor, which must be
connected between the PG pin and VIN or VOUT. The typical current capability of the PG pin
is up to 6 mA. The use of a pull-up resistor for PG in the range of 100 k
Ω to 1 MΩ is
recommended. If the Power Good function is not used, the PG pin must remain floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com