| Electronic Components Datasheet Search |
|
PIC18F4550ESOSQTP Datasheet(PDF) 424 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4550ESOSQTP Datasheet(HTML) 424 Page - Microchip Technology |
|
424 / 430 page ![]() PIC18F2455/2550/4455/4550 DS39632D-page 422 Preliminary © 2007 Microchip Technology Inc. Synchronous Transmission ...................................... 254 Synchronous Transmission (Through TXEN) .......... 255 Time-out Sequence on POR w/PLL Enabled (MCLR Tied to VDD) ........................................... 49 Time-out Sequence on Power-up (MCLR Not Tied to VDD), Case 1 ....................... 48 Time-out Sequence on Power-up (MCLR Not Tied to VDD), Case 2 ....................... 48 Time-out Sequence on Power-up (MCLR Tied to VDD, VDD Rise TPWRT) .............. 48 Timer0 and Timer1 External Clock .......................... 384 Transition for Entry to Idle Mode ................................ 40 Transition for Entry to SEC_RUN Mode .................... 37 Transition for Entry to Sleep Mode ............................ 39 Transition for Two-Speed Start-up (INTOSC to HSPLL) ......................................... 299 Transition for Wake from Idle to Run Mode ............... 40 Transition for Wake from Sleep (HSPLL) ................... 39 Transition From RC_RUN Mode to PRI_RUN Mode ................................................. 38 Transition from SEC_RUN Mode to PRI_RUN Mode (HSPLL) .................................. 37 Transition to RC_RUN Mode ..................................... 38 USB Signal ............................................................... 395 Timing Diagrams and Specifications ................................ 380 Capture/Compare/PWM Requirements (All CCP Modules) ........................................... 385 CLKO and I/O Requirements ................................... 382 EUSART Synchronous Receive Requirements ................................................... 394 EUSART Synchronous Transmission Requirements ................................................... 394 Example SPI Mode Requirements (Master Mode, CKE = 0) .................................. 386 Example SPI Mode Requirements (Master Mode, CKE = 1) .................................. 387 Example SPI Mode Requirements (Slave Mode, CKE = 0) .................................... 388 Example SPI Mode Requirements (Slave Mode, CKE = 1) .................................... 389 External Clock Requirements .................................. 380 I2C Bus Data Requirements (Slave Mode) .............. 391 I2C Bus Start/Stop Bits Requirements ..................... 390 Master SSP I2C Bus Data Requirements ................ 393 Master SSP I2C Bus Start/Stop Bits Requirements ................................................... 392 PLL Clock ................................................................. 381 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements ........................................ 383 Streaming Parallel Port Requirements (PIC18F4455/4550) ......................................... 396 Timer0 and Timer1 External Clock Requirements ................................................... 384 USB Full-Speed Requirements ................................ 395 USB Low-Speed Requirements ............................... 395 Top-of-Stack Access .......................................................... 58 TQFP Packages and Special Features ............................ 305 TSTFSZ ............................................................................ 347 Two-Speed Start-up ................................................. 285, 299 Two-Word Instructions Example Cases .......................................................... 62 TXSTA Register BRGH Bit ................................................................. 241 U Universal Serial Bus .......................................................... 63 Address Register (UADDR) ..................................... 170 and Streaming Parallel Port ..................................... 183 Associated Registers ............................................... 184 Buffer Descriptor Table ............................................ 171 Buffer Descriptors .................................................... 171 Address Validation ........................................... 174 Assignment in Different Buffering Modes ...................................... 176 BDnSTAT Register (CPU Mode) ..................... 172 BDnSTAT Register (SIE Mode) ....................... 174 Byte Count ....................................................... 174 Example ........................................................... 171 Memory Map .................................................... 175 Ownership ....................................................... 171 Ping-Pong Buffering ........................................ 175 Register Summary ........................................... 176 Status and Configuration ................................. 171 Class Specifications and Drivers ............................. 186 Descriptors ............................................................... 186 Endpoint Control ...................................................... 169 Enumeration ............................................................ 186 External Pull-up Resistors ....................................... 167 External Transceiver ................................................ 165 Eye Pattern Test Enable .......................................... 167 Firmware and Drivers .............................................. 184 Frame Number Registers ........................................ 170 Frames .................................................................... 185 Internal Pull-up Resistors ......................................... 167 Internal Transceiver ................................................. 165 Internal Voltage Regulator ....................................... 167 Interrupts ................................................................. 177 and USB Transactions ..................................... 177 Layered Framework ................................................. 185 Oscillator Requirements .......................................... 184 Output Enable Monitor ............................................. 167 Overview .......................................................... 163, 185 Ping-Pong Buffer Configuration ............................... 167 Power ...................................................................... 185 Power Modes ........................................................... 183 Bus Power Only ............................................... 183 Dual Power with Self-Power Dominance .............................................. 183 Self-Power Only ............................................... 183 RAM ......................................................................... 170 Memory Map .................................................... 170 Speed ...................................................................... 186 Status and Control ................................................... 164 Transfer Types ......................................................... 185 UFRMH:UFRML Registers ...................................... 170 USB. See Universal Serial Bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |