Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 110Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 111Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 112Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 113Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 114Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 112
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-1:
PORTA I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
RA0/AN0
RA0
0
OUT
DIG
LATA<0> data output; not affected by analog input.
1
IN
TTL
PORTA<0> data input; disabled when analog input enabled.
AN0
1
IN
ANA
A/D input channel 0 and Comparator C1- input. Default configuration
on POR; does not affect digital output.
RA1/AN1
RA1
0
OUT
DIG
LATA<1> data output; not affected by analog input.
1
IN
TTL
PORTA<1> data input; reads ‘0’ on POR.
AN1
1
IN
ANA
A/D input channel 1 and Comparator C2- input. Default configuration
on POR; does not affect digital output.
RA2/AN2/
VREF-/CVREF
RA2
0
OUT
DIG
LATA<2> data output; not affected by analog input. Disabled when
CVREF output enabled.
1
IN
TTL
PORTA<2> data input. Disabled when analog functions enabled;
disabled when CVREF output enabled.
AN2
1
IN
ANA
A/D input channel 2 and Comparator C2+ input. Default configuration
on POR; not affected by analog output.
VREF-
1
IN
ANA
A/D and comparator voltage reference low input.
CVREF
x
OUT
ANA
Comparator voltage reference output. Enabling this feature disables
digital I/O.
RA3/AN3/
VREF+
RA3
0
OUT
DIG
LATA<3> data output; not affected by analog input.
1
IN
TTL
PORTA<3> data input; disabled when analog input enabled.
AN3
1
IN
ANA
A/D input channel 3 and Comparator C1+ input. Default configuration
on POR.
VREF+
1
IN
ANA
A/D and comparator voltage reference high input.
RA4/T0CKI/
C1OUT/RCV
RA4
0
OUT
DIG
LATA<4> data output; not affected by analog input.
1
IN
ST
PORTA<4> data input; disabled when analog input enabled.
T0CKI
1
IN
ST
Timer0 clock input.
C1OUT
0
OUT
DIG
Comparator 1 output; takes priority over port data.
RCV
x
IN
TTL
External USB transceiver RCV input.
RA5/AN4/SS/
HLVDIN/C2OUT
RA5
0
OUT
DIG
LATA<5> data output; not affected by analog input.
1
IN
TTL
PORTA<5> data input; disabled when analog input enabled.
AN4
1
IN
ANA
A/D input channel 4. Default configuration on POR.
SS
1
IN
TTL
Slave select input for SSP (MSSP module).
HLVDIN
1
IN
ANA
High/Low-Voltage Detect external trip point input.
C2OUT
0
OUT
DIG
Comparator 2 output; takes priority over port data.
OSC2/CLKO/
RA6
OSC2
x
OUT
ANA
Main oscillator feedback output connection (all XT and HS modes).
CLKO
x
OUT
DIG
System cycle clock output (FOSC/4); available in EC, ECPLL and
INTCKO modes.
RA6
0
OUT
DIG
LATA<6> data output. Available only in ECIO, ECPIO and INTIO
modes; otherwise, reads as ‘0’.
1
IN
TTL
PORTA<6> data input. Available only in ECIO, ECPIO and INTIO
modes; otherwise, reads as ‘0’.
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com