Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 114Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 116
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
RB6/KBI2/
PGC
RB6
0
OUT
DIG
LATB<6> data output.
1
IN
TTL
PORTB<6> data input; weak pull-up when RBPU bit is cleared.
KBI2
1
IN
TTL
Interrupt-on-pin change.
PGC
x
IN
ST
Serial execution (ICSP™) clock input for ICSP and ICD operation.(3)
RB7/KBI3/
PGD
RB7
0
OUT
DIG
LATB<7> data output.
1
IN
TTL
PORTB<7> data input; weak pull-up when RBPU bit is cleared.
KBI3
1
IN
TTL
Interrupt-on-pin change.
PGD
x
OUT
DIG
Serial execution data output for ICSP and ICD operation.(3)
x
IN
ST
Serial execution data input for ICSP and ICD operation.(3)
TABLE 10-3:
PORTB I/O SUMMARY (CONTINUED)
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
I2C/SMB = I2C/SMBus input buffer, TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is
overridden for this option)
Note
1:
Configuration on POR is determined by PBADEN Configuration bit. Pins are configured as analog inputs when
PBADEN is set and digital inputs when PBADEN is cleared.
2:
Alternate pin assignment for CCP2 when CCP2MX = 0. Default assignment is RC1.
3:
All other pin functions are disabled when ICSP™ or ICD operation is enabled.
4:
40/44-pin devices only.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
54
LATB
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
54
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
54
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
51
INTCON2
RBPU
INTEDG0
INTEDG1 INTEDG2
—
TMR0IP
—RBIP
51
INTCON3
INT2IP
INT1IP
—INT2IE
INT1IE
—
INT2IF
INT1IF
51
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
52
SPPCON(1)
—
—
—
—
—
—
SPPOWN
SPPEN
55
SPPCFG(1)
CLKCFG1
CLKCFG0
CSEN
CLK1EN
WS3
WS2
WS1
WS0
55
UCON
—
PPBRST
SE0
PKTDIS
USBEN
RESUME SUSPND
—55
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTB.
Note 1:
These registers are unimplemented on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com