Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 122Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 123Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 118
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-5:
PORTC I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
RC0/T1OSO/
T13CKI
RC0
0
OUT
DIG
LATC<0> data output.
1
IN
ST
PORTC<0> data input.
T1OSO
x
OUT
ANA
Timer1 oscillator output; enabled when Timer1 oscillator enabled.
Disables digital I/O.
T13CKI
1
IN
ST
Timer1/Timer3 counter input.
RC1/T1OSI/
CCP2/UOE
RC1
0
OUT
DIG
LATC<1> data output.
1
IN
ST
PORTC<1> data input.
T1OSI
x
IN
ANA
Timer1 oscillator input; enabled when Timer1 oscillator enabled.
Disables digital I/O.
CCP2(1)
0
OUT
DIG
CCP2 Compare and PWM output; takes priority over port data.
1
IN
ST
CCP2 Capture input.
UOE
0
OUT
DIG
External USB transceiver OE output.
RC2/CCP1/
P1A
RC2
0
OUT
DIG
LATC<2> data output.
1
IN
ST
PORTC<2> data input.
CCP1
0
OUT
DIG
ECCP1 Compare and PWM output; takes priority over port data.
1
IN
ST
ECCP1 Capture input.
P1A(3)
0
OUT
DIG
ECCP1 Enhanced PWM output, channel A; takes priority over port
data. May be configured for tri-state during Enhanced PWM shutdown
events.
RC4/D-/VM
RC4
—(2)
IN
TTL
PORTC<4> data input; disabled when USB module or on-chip
transceiver are enabled.
D-
—(2)
OUT
XCVR
USB bus differential minus line output (internal transceiver).
—(2)
IN
XCVR
USB bus differential minus line input (internal transceiver).
VM
—(2)
IN
TTL
External USB transceiver VM input.
RC5/D+/VP
RC5
—(2)
IN
TTL
PORTC<5> data input; disabled when USB module or on-chip
transceiver are enabled.
D+
—(2)
OUT
XCVR
USB bus differential plus line output (internal transceiver).
—(2)
IN
XCVR
USB bus differential plus line input (internal transceiver).
VP
—(2)
IN
TTL
External USB transceiver VP input.
RC6/TX/CK
RC6
0
OUT
DIG
LATC<6> data output.
1
IN
ST
PORTC<6> data input.
TX
0
OUT
DIG
Asynchronous serial transmit data output (EUSART module); takes
priority over port data. User must configure as output.
CK
0
OUT
DIG
Synchronous serial clock output (EUSART module); takes priority
over port data.
1
IN
ST
Synchronous serial clock input (EUSART module).
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, XCVR = USB transceiver, x = Don’t care (TRIS bit does not affect port direction or is overridden
for this option)
Note
1:
Default pin assignment. Alternate pin assignment is RB3 (when CCP2MX = 0).
2:
RC4 and RC5 do not have corresponding TRISC bits. In Port mode, these pins are input only. USB data direction is
determined by the USB configuration.
3:
40/44-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com