Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MLU1 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
132
Rev. 3
(cont)
04/2010
Added information to AC timings section:
• New section added: Reset and configuration pin timing
• New section added: External interrupt timing (IRQ pin)
• New section added: eTPU timing
• Added Nexus debug port operating frequency table to Nexus timings section
• Added external bus interface maximum operating frequency table and calibration bus
interface maximum operation frequency table
• Added FlexCAN system clock source section
Changes to Power management control (PMC) and power on reset (POR) electrical
specifications:
• Max value for parameter 2 (vddreg) is 5.25 V (was 5.5 V)
Updated “Core voltage regulator controller external components preferred configuration”
diagram.
Changes to DC electrical specifications table:
• Slew rate on power supply pins (system requirement) changed to 25 V/ms (was
50 V/ms)
Throughout the document the maximum frequency is now 150 MHz (was 145 MHz)
Changes to DC electrical specifications:
• Parameter classifications added
•VDDREG max value changed to 5.25 V (was 5.5 V)
•VOH_LS min value changed to 2.0 V (was 2.7 V) with a load current of 0.5 mA
•VOL_LS max value changed to 0.6 V (was 0.2*VDDEH) with load current of 2 mA
•VINDC min value changed to VSSA-0.3 (was VSSA-1.0)
•VINDC max value changed to VDDA+0.3 (was VDDA+1.0)
Added new section: Configuring SRAM wait states
VRCCTL external circuit updated.
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com