Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MLU1 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 136Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 137Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 138Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
135
Rev. 5
2/2011
• Minor editorial updates.
• Re-organized the first few subsections of the “Overview” section.
• Added ECSM to the block diagram.
• Added information on the REACM, SIU, and ECS modules to the “Block summary”
section.
• Added DATA[0:15] to VDDE5 in the “signal properties” table.
• Updated VSTBY parameters in the “Power/ground segmentation” table.
• Updated the parameter symbols and classifications throughout the document.
• Updated footnote instances in the “Absolute maximum ratings” table.
• Removed IMAXA footnote in the “Absolute Maximum Ratings” table.
• Updated the format of the “EMI (electromagnetic interference) characteristics” table.
• Removed the footnote on VDDREG in the “Power management control (PMC) and
power on reset (POR) electrical specifications” table.
• Updated values for Vbg, Idd3p3, Por3.3V_r, Por3.3V_f, Por5V_r, and Por5V_f in the
“PMC electrical characteristics” table.
• Updated “Bandgap reference supply voltage variation” in the “PMC Electrical
Characteristics” table.
• Updated VCESAT and VBEin the “Recommended power transistors” operating
characteristics” table.
• Updated VIH_LS in the “DC electrical specifications” table.
• Updated the VOH_LS min value in the “DC electrical specifications” table.
• Updated IDDSTBY and IDDSTBY150 in the “DC electrical specifications” table.
• Updated the IDDA/IREF/IDDREG max value in the “DC electrical specifications” table.
• Updated IACT_F, IACT_MV_PU, IACT_MV_PD, RPUPD5K, RPUPDMTCH, and footnotes in the
“DC electrical specifications” table.
• Updated Medium pad type IDD33 values in the “I/O pad VRC33 average IDDE
specifications” table.
• Updated values for VOD in the “DSPI LVDS pad specification” table.
• Removed the footnotes from the “DSPI LVDS pad specifications” table.
• Removed the redundant “XTAL Load Capacitance” parameter instance from the
“PLLMRFM electrical specifications” table.
• Updated footnotes in the “PLLMRFM electrical specifications” table.
• Updated values for OFFNC and GAINNC in the “eQADC conversion specifications
(operating)” table.
• Added DIFFmax, DIFFmax2, DIFFmax4, and DIFFcmv parameters to the “eQADC
conversion specifications (operating)” table.
• Added the maximum operating frequency values in the “Cutoff frequency for additional
SRAM wait state” table.
• Updated multiple entries in the “APC, RWSC, WWSC settings vs. frequency of
operation” table.
• Removed footnote in the “APC, RWSC, WWSC settings vs. frequency of operation”
table.
• Changed the voltage in the “Pad AC specifications” table title from 4.5 V to 5.0 V.
• Added the maximum LH/HL output delay values for pad type MultiV in the “Pad AC
specifications (VDDE = 3.3 V)” table.
Rev. 6
—
• Rev. 6 not published.
Table 53. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com