Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2132FBD64/01 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC2132FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 36Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 37Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 38Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 39Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 40Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 41Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 42Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 43Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
40 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
Fig 17. Package outline SOT804-2 (HVQFN64)
UNIT
A
max.
A1
D1
A4
bc
e
Eh
L
e1
y
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1
0.05
0.00
0.80
0.65
0.30
0.18
0.5
7.5
e2
7.5
0.2
7.25
6.95
Dh
7.25
6.95
0.05
0.05
y1
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
SOT804-2
- - -
MO-220
- - -
04-03-25
D
9.05
8.95
E
49
64
32
17
48
1
33
16
9.05
8.95
E1
8.95
8.55
8.95
8.55
A
detail X
A4
A1
c
D
D1
Dh
E1 E
HVQFN64: plastic thermal enhanced very thin quad flat package; no leads; 64 terminals;
body 9 x 9 x 0.85 mm
SOT804-2
0
5
10 mm
scale
e
e
b
y
y1 C
C
B
A
A
C
C
B
v M
w M
e1
e2
Eh
L
terminal 1
index area
terminal 1
index area
1/2
e
1/2
e
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com