Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2132FBD64/01 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2132FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 12Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 13Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 14Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 15Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 16Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 17Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 18Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 19Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
16 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
6.6 Pin connect block
The pin connect block allows selected pins of the microcontroller to have more than one
function. Configuration registers control the multiplexers to allow connection between the
pin and the on chip peripherals. Peripherals should be connected to the appropriate pins
prior to being activated, and prior to any related interrupt(s) being enabled. Activity of any
enabled peripheral function that is not mapped to a related pin should be considered
undefined.
6.7 General purpose parallel I/O and Fast I/O
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back, as well as the current state of the port pins.
6.7.1 Features
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
UART1
RX Line Status (RLS)
Transmit Holding Register empty (THRE)
RX Data Available (RDA)
Character Time-out Indicator (CTI)
Modem Status Interrupt (MSI) (Available in LPC2134/36/38
only)
7
PWM0
Match 0 to 6 (MR0, MR1, MR2, MR3, MR4, MR5, MR6)
Capture 0 to 3 (CR0, CR1, CR2, CR3)
8
I2C0
SI (state change)
9
SPI0
SPIF, MODF
10
SSP
TX FIFO at least half empty (TXRIS)
RX FIFO at least half full (RXRIS)
Receive Timeout (RTRIS)
Receive Overrun (RORRIS)
11
PLL
PLL Lock (PLOCK)
12
RTC
RTCCIF (Counter Increment), RTCALF (Alarm)
13
System Control
External Interrupt 0 (EINT0)
14
External Interrupt 1 (EINT1)
15
External Interrupt 2 (EINT2)
16
External Interrupt 3 (EINT3)
17
AD0
ADC 0
18
I2C1
SI (state change)
19
BOD
Brown Out Detect
20
AD1
ADC 1 (Available in LPC2134/36/38 only)
21
Table 4.
Interrupt sources …continued
Block
Flag(s)
VIC channel #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com