Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2132FBD64/01 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2132FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 25Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 26Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 27Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 28Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 29Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 30Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 31Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 32Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
29 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
[4]
VDD supply voltages must be present.
[5]
3-state outputs go into 3-state mode when VDD is grounded.
[6]
Please also see the errata note mentioned in the errata sheet.
[7]
Accounts for 100 mV voltage drop in all supply lines.
[8]
Only allowed for a short time period.
[9]
Minimum condition for VI = 4.5 V, maximum condition for VI =5.5 V.
[10] Applies to P1.16 to P1.25.
[11] On pin VBAT.
[12] Optimized for low battery consumption.
[13] To VSS.
9.
Dynamic characteristics
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[3]
Bus capacitance Cb in pF, from 10 pF to 400 pF.
Table 7.
Dynamic characteristics
Tamb = −40 °C to +85 °C for commercial applications, VDD over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
External clock
fosc
oscillator frequency
10
-
25
MHz
Tcy(clk)
clock cycle time
40
-
100
ns
tCHCX
clock HIGH time
Tcy(clk) × 0.4
-
-
ns
tCLCX
clock LOW time
Tcy(clk) × 0.4
-
-
ns
tCLCH
clock rise time
-
-
5
ns
tCHCL
clock fall time
-
-
5
ns
Port pins (except P0.2 and P0.3)
tr(o)
output rise time
-
10
-
ns
tf(o)
output fall time
-
10
-
ns
I2C-bus pins (P0.2 and P0.3)
tf(o)
output fall time
VIH to VIL
20 + 0.1
× C
b
[3]
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com