Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2132FBD64/01 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2132FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 19Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 20Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 21Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 22Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 23Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 24Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 25Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 26Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
23 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
The wake-up timer monitors the crystal oscillator as the means of checking whether it is
safe to begin code execution. When power is applied to the chip, or some event caused
the chip to exit Power-down mode, some time is required for the oscillator to produce a
signal of sufficient amplitude to drive the clock logic. The amount of time depends on
many factors, including the rate of VDD ramp (in the case of power on), the type of crystal
and its electrical characteristics (if a quartz crystal is used), as well as any other external
circuitry (e.g. capacitors), and the characteristics of the oscillator itself under the existing
ambient conditions.
6.18.4 Brownout detector
The LPC2131/32/34/36/38 include 2-stage monitoring of the voltage on the VDD pins. If
this voltage falls below 2.9 V, the BOD asserts an interrupt signal to the Vectored Interrupt
Controller. This signal can be enabled for interrupt; if not, software can monitor the signal
by reading dedicated register.
The second stage of low-voltage detection asserts reset to inactivate the
LPC2131/32/34/36/38 when the voltage on the VDD pins falls below 2.6 V. This reset
prevents alteration of the flash as operation of the various elements of the chip would
otherwise become unreliable due to low voltage. The BOD circuit maintains this reset
down below 1 V, at which point the POR circuitry maintains the overall reset.
Both the 2.9 V and 2.6 V thresholds include some hysteresis. In normal operation, this
hysteresis allows the 2.9 V detection to reliably interrupt, or a regularly-executed event
loop to sense the condition.
Features available only in LPC213x/01 parts include ability to put the BOD in power-down
mode, turn it on or off and to control when the BOD will reset the LPC213x/01
microcontroller. This can be used to further reduce power consumption when a low power
mode (such as Power Down) is invoked.
6.18.5 Code security
This feature of the LPC2131/32/34/36/38 allow an application to control whether it can be
debugged or protected from observation.
If after reset on-chip bootloader detects a valid checksum in flash and reads 0x8765 4321
from address 0x1FC in flash, debugging will be disabled and thus the code in flash will be
protected from observation. Once debugging is disabled, it can be enabled only by
performing a full chip erase using the ISP.
6.18.6 External interrupt inputs
The LPC2131/32/34/36/38 include up to nine edge or level sensitive External Interrupt
Inputs as selectable pin functions. When the pins are combined, external events can be
processed as four independent interrupt signals. The External Interrupt Inputs can
optionally be used to wake up the processor from Power-down mode.
6.18.7 Memory Mapping Control
The Memory Mapping Control alters the mapping of the interrupt vectors that appear
beginning at address 0x0000 0000. Vectors may be mapped to the bottom of the on-chip
flash memory, or to the on-chip static RAM. This allows code running in different memory
spaces to have control of the interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com