Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 20Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 21Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 22Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 23Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 24Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 25Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 26Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 27Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
24
ADC ANALOG INPUT
When the buffer is not selected, the input impedance of the
analog input changes with ACLK clock frequency (ACLK,
SFR F6h) and gain (PGA). The relationship is:
Impedance (
W) +
1
f
SAMP @ CS
A
IN Impedance (W) +
1MHz
ACLK Frequency
@ 7MW
PGA
where ACLK frequency (f
ACLK) +
f
CLK
ACLK
) 1
and f
MOD +
f
ACLK
64
.
NOTE: The input impedance for PGA = 128 is the same as
that for PGA = 64 (that is, 7M
Ω/64).
Figure 9 shows the basic input structure of the MSC120x.
R
SWITCH
(3k
Ωtypical)
Sampling Frequency = f
SAMP
High Impedance
>1G
Ω
C
S
AGND
A
IN
PGA
f
SAMP
1, 2, 4
f
MOD
82
× f
MOD
16
4
× f
MOD
32
8
× f
MOD
64, 128
16
× f
MOD
PGA
C
S
1
9pF
2
18pF
4 to 128
36pF
f
MOD =
f
ACLK
64
Figure 9. Analog Input Structure (without Buffer)
ADC PGA
The PGA can be set to gains of 1, 2, 4, 8, 16, 32, 64, or 128.
Using the PGA can actually improve the effective
resolution of the ADC. For instance, with a PGA of 1 on a
±2.5V full-scale range (FSR), the ADC can resolve to
1.5
µV. With a PGA of 128 on a ±19mV FSR, the ADC can
resolve to 75nV. With a PGA of 1 on a
±2.5V FSR, it would
require a 26-bit ADC to resolve 75nV, as shown in Table 1.
Table 1. ENOB versus PGA (Bipolar Mode)
FULL-
MSC1200
MSC1201
MSC1202
ENOB(1)
RMS
INPUT-REFERRED
NOISE
PGA
SETTING
FULL-
SCALE
RANGE
(V)
MSC1201
ENOB(1)
AT 10HZ
(BITS)
ENOB(1)
UP TO
200HZ
(BITS)
MSC1200
MSC1201
(nV)
MSC1202
(
mV)
1
±2.5
21.7
16
1468
76.3
2
±1.25
21.5
15.6
843
38.1
4
±0.625
21.4
15.5
452
19.1
8
±0.313
21.2
15.4
259
9.5
16
±0.156
20.8
15.4
171
4.8
32
±0.078
20.4
15.3
113
2.4
64
±0.039
20
15.2
74.5
12
128
±0.019
19
14.2
74.5
0.6
(1) ENOB = Log2(FSR/RMS Noise) = Log2(224) − Log2(σCODES)
= 24 − Log2(σCODES)
ADC OFFSET DAC
The analog output from the PGA can be offset by up to half
the full-scale range of the ADC by using the ODAC register
(SFR E6h). The ODAC (Offset DAC) register is an 8-bit
value; the MSB is the sign and the seven LSBs provide the
magnitude of the offset.
ADC MODULATOR
The modulator is a single-loop, 2nd-order system. The
modulator runs at a clock speed (fMOD) that is derived from
CLK using the value in the Analog Clock register (ACLK,
SFR F6h). The data output rate is:
Data Rate
+ f
DATA
+
f
MOD
Decimation Ratio
where f
MOD +
f
CLK
(ACLK
) 1) @ 64
+
f
ACLK
64
.
and Decimation Ratio is set in [ADCON3:ADCON2]
ADC CALIBRATION
The offset and gain errors in the MSC120x, or the complete
system, can be reduced with calibration. Calibration is
controlled through the ADCON1 register (SFR DDh), bits
CAL2:CAL0. Each calibration process takes seven tDATA
periods (data conversion time) to complete. Therefore, it
takes 14 tDATA periods to complete both an offset and gain
calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com